Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS432 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS432
Description  1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS432 Datasheet(HTML) 7 Page - STMicroelectronics

  TS432 Datasheet HTML 1Page - STMicroelectronics TS432 Datasheet HTML 2Page - STMicroelectronics TS432 Datasheet HTML 3Page - STMicroelectronics TS432 Datasheet HTML 4Page - STMicroelectronics TS432 Datasheet HTML 5Page - STMicroelectronics TS432 Datasheet HTML 6Page - STMicroelectronics TS432 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TS432
7/7
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
2002 STMicroelectronics - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom
http://www.st.com
PACKAGE MECHANICAL DATA
3 PINS - TINY PACKAGE (SOT23)
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.890
1.120
0.035
0.044
A1
0.010
0.100
0.0004
0.004
A2
0.880
0.950
1.020
0.037
0.040
b
0.300
0.500
0.012
0.020
c
0.080
0.200
0.003
0.008
D
2.800
2.900
3.040
0.110
0.114
0.120
E
2.100
2.640
0.083
0.104
E1
1.200
1.300
1.400
0.047
0.051
0.055
e
0.950
0.037
e1
1.900
0.075
L
0.400
0.500
0.600
0.016
0.020
0.024
L1
0.540
0.021
k
0°
8°
B
E
S
e
e1
A
D
c
L
H
A1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com