Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS432 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS432
Description  1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS432 Datasheet(HTML) 3 Page - STMicroelectronics

  TS432 Datasheet HTML 1Page - STMicroelectronics TS432 Datasheet HTML 2Page - STMicroelectronics TS432 Datasheet HTML 3Page - STMicroelectronics TS432 Datasheet HTML 4Page - STMicroelectronics TS432 Datasheet HTML 5Page - STMicroelectronics TS432 Datasheet HTML 6Page - STMicroelectronics TS432 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS432
3/7
Reference voltage vs temperature
Cathode voltage vs cathode current
Reference input current vs temperature
Test circuit for VK = VREF
Cathode voltage vs cathode current
Static impedance vs temperature
-40
0
40
80
120
1.228
1.232
1.236
1.240
1.244
1.248
1.252
V
K
= V
REF
I
K
= 100µA
Temperature (°C)
-1.0
-0.5
0.0
0.5
1.0
1.5
-10
-5
0
5
10
V
K
= V
REF
T
AMB
= +25°C
V
K
Cathode voltage (V)
-40
0
40
80
120
0
20
40
60
80
100
I
K
= 10 mA
R
1
= 10 K
Ω
R
2
= +
∞
Temperature (°C)
Input
VK
VREF
Ik
Output
020
40
60
0.0
0.5
1.0
1.5
T
AMB
=+125°C
T
AMB
=+85°C
T
AMB
=+25°C
T
AMB
=-40°C
I
K
Cathode current (µA)
-40
0
40
80
120
0.0
0.1
0.2
0.3
0.4
V
K
= V
REF
I
K
= 100 µA to 12 mA
Temperature (°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com