Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMXW331 Datasheet (PDF) - Rakon Limited

TMXW331 Datasheet PDF - Rakon Limited
Part # TMXW331
Download  TMXW331 Download
File Size   473.91 Kbytes
Page   7 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description SAW Bandpass Filters | Wireless Communications

TMXW331 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMXW331 Datasheet PDF - Rakon Limited

Part # TMXW331
Download  TMXW331 Click to download

File Size   473.91 Kbytes
Page   7 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description SAW Bandpass Filters | Wireless Communications

TMXW331 Datasheet (HTML) - Rakon Limited


TMXW331 Product details

Features
 869.0 MHz center frequency
 Ceramic package for Surface Mounted Technology
 Frequency Low Loss (typically 2.5dB) within PassBand Width 868.0 to 870.0 MHz
 Maximum pulse power: 27dBm
 Good rejections specially near the GSM carrier at 912 MHz (-60 dB)

Applications
 Remote control - RF
 Wireless applications
 Already used with main RF chipsets as Analog Devices, Infineon, Melexis, Semtech and Texas Instruments.




Similar Part No. - TMXW331

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
TMXW330 RAKON-TMXW330 Datasheet
473Kb / 7P
SAW Bandpass Filters | Wireless Communications
23 December 2022
TMXW333 RAKON-TMXW333 Datasheet
386Kb / 4P
SAW Bandpass Filters | Audio
10 January 2023
logo
TEMEX
TMXW339 TEMEX-TMXW339 Datasheet
345Kb / 3P
SAW Passband Filter - REMOTE CONTROL - RF
TMXW33S TEMEX-TMXW33S Datasheet
347Kb / 4P
Low Loss SAW Bandpass Filter - WIRELESS AUDIO - RF
More results


Similar Description - TMXW331

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7775 EPCOS-B7775_1 Datasheet
59Kb / 7P
SAW Filters for Mobile Communications
B9429 EPCOS-B9429 Datasheet
79Kb / 9P
SAW filters for mobile communications
logo
TDK Electronics
B39192B9468P810 TDK-B39192B9468P810 Datasheet
92Kb / 8P
SAW filters for mobile communications
B39202B9815P810 TDK-B39202B9815P810 Datasheet
159Kb / 12P
SAW filters for mobile communications
B39232B8307P810 TDK-B39232B8307P810 Datasheet
109Kb / 8P
SAW filters for mobile communications
B39232B9490P810 TDK-B39232B9490P810 Datasheet
122Kb / 8P
SAW filters for mobile communications
B39162B9000C710S9 TDK-B39162B9000C710S9 Datasheet
44Kb / 4P
SAW Filters for Mobile Communications
B39202B4219U810 TDK-B39202B4219U810 Datasheet
130Kb / 12P
SAW filters for mobile communications
logo
Murata Manufacturing Co...
SAFJA43M0WC0Z00R03 MURATA1-SAFJA43M0WC0Z00R03 Datasheet
66Kb / 2P
SAW Filters for Mobile Communications
May.28,2012
SAFEH881MFM0F00 MURATA1-SAFEH881MFM0F00 Datasheet
61Kb / 2P
SAW Filters for Mobile Communications
May.28,2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com