Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMXW331 Datasheet(PDF) 2 Page - Rakon Limited

Part # TMXW331
Description  SAW Bandpass Filters | Wireless Communications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

TMXW331 Datasheet(HTML) 2 Page - Rakon Limited

  TMXW331 Datasheet HTML 1Page - Rakon Limited TMXW331 Datasheet HTML 2Page - Rakon Limited TMXW331 Datasheet HTML 3Page - Rakon Limited TMXW331 Datasheet HTML 4Page - Rakon Limited TMXW331 Datasheet HTML 5Page - Rakon Limited TMXW331 Datasheet HTML 6Page - Rakon Limited TMXW331 Datasheet HTML 7Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TMX W331
SAW Bandpass Filters | Wireless Communications
Issue: Rev 7, 10 January 2023
Specifications are subject to change without notice
Copyright © 2020 to 2023 Rakon Limited. All rights reserved
Page 1 of 6
www.rakonxpress.com
Features
Maximum ratings
Parameter
Min.
Typ.
Max.
Unit
Storage temperature range (T
stg)
-40
85
°C
Operating temperature range (T
A)
-40
85
°C
DC permissive voltage
10
V
Maximum pulse input power
27
dBm
Maximum Input Power Handling
(at 50°C during 50 000 hours)
20
dBm
Frequency and electrical characteristics (Reference temperature @ 25°C)
Parameter
Min.
Typ.1
Max.
Unit
Center frequency (fc)
869
MHz
Bandwidth (BW, passband width)
2.00
MHz
Insertion Loss (IL, 868 – 870 MHz)
2.5
3.4
dB
Amplitude ripple (868 – 870 MHz)
0.3
1.5
dB
Absolute Attenuation
From DC to 300.0 MHz
From 300.0 to 856.5 MHz
From 856.5 to 859.5 MHz
From 878 to 883.5 MHz
From 883.5 to 1500 MHz
From 1500 to 2600 MHz
45
40
15
15
48
40
50
45
20
20
55
45
dB
dB
dB
dB
dB
dB
Temperature coefficient of frequency
-31.0
ppm/K
Source impedance2 (Single ended)
50
Ω
Load impedance2 (Single ended)
50
Ω
1
Typical values are nominal performances at room temperature
2 No external matching is required
Features
Applications
3.0 x 3.0 x 1.25 mm
869.0 MHz center frequency
Ceramic package for Surface Mounted Technology
Frequency Low Loss (typically 2.5dB) within
PassBand Width 868.0 to 870.0 MHz
Maximum pulse power: 27dBm
Good rejections specially near the GSM carrier at
912 MHz (-60 dB)
Remote control - RF
Wireless applications
Already used with main RF
chipsets as Analog Devices,
Infineon, Melexis, Semtech
and Texas Instruments.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com