Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S8253 Datasheet (PDF) - SYC Electronica

AT89S8253 Datasheet PDF - SYC Electronica
Part # AT89S8253
Download  AT89S8253 Download
File Size   1086.84 Kbytes
Page   58 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM

AT89S8253 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT89S8253 Datasheet PDF - SYC Electronica

Part # AT89S8253
Download  AT89S8253 Click to download

File Size   1086.84 Kbytes
Page   58 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM

AT89S8253 Datasheet (HTML) - SYC Electronica


AT89S8253 Product details

Features
• Compatible with MCS®-51 Products
• 12K Bytes of In-System Programmable (ISP) Flash Program Memory
– SPI Serial Interface for Program Downloading
– Endurance: 10,000 Write/Erase Cycles
• 2K Bytes EEPROM Data Memory
– Endurance: 100,000 Write/Erase Cycles
• 64-byte User Signature Array
• 2.7V to 5.5V Operating Range
• Fully Static Operation: 0 Hz to 24 MHz (in x1 and x2 Modes)
• Three-level Program Memory Lock
• 256 x 8-bit Internal RAM
• 32 Programmable I/O Lines
• Three 16-bit Timer/Counters
• Nine Interrupt Sources
• Enhanced UART Serial Port with Framing Error Detection and Automatic
Address Recognition
• Enhanced SPI (Double Write/Read Buffered) Serial Interface
• Low-power Idle and Power-down Modes
• Interrupt Recovery from Power-down Mode
• Programmable Watchdog Timer
• Dual Data Pointer
• Power-off Flag
• Flexible ISP Programming (Byte and Page Modes)
– Page Mode: 64 Bytes/Page for Code Memory, 32 Bytes/Page for Data Memory
• Four-level Enhanced Interrupt Controller
• Programmable and Fuseable x2 Clock Option
• Internal Power-on Reset
• 42-pin PDIP Package Option for Reduced EMC Emission
• Green (Pb/Halide-free) Packaging Option

1. Description
The AT89S8253 is a low-power, high-performance CMOS 8-bit microcontroller with
12K bytes of In-System Programmable (ISP) Flash program memory and 2K bytes of
EEPROM data memory. The device is manufactured using Atmel’s high-density nonvolatile
memory technology and is compatible with the industry-standard MCS-51
instruction set and pinout. The on-chip downloadable Flash allows the program memory
to be reprogrammed in-system through an SPI serial interface or by a
conventional nonvolatile memory programmer. By combining a versatile 8-bit CPU
with downloadable Flash on a monolithic chip, the Atmel AT89S8253 is a powerful
microcontroller which provides a highly-flexible and cost-effective solution to many
embedded control applications.




Similar Part No. - AT89S8253

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253 Datasheet
961Kb / 59P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253 Datasheet
1Mb / 59P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253 Datasheet
1Mb / 60P
8-bit Microcontroller with 12K Bytes Flash
AT89S8253 ATMEL-AT89S8253 Datasheet
1Mb / 60P
8-bit Microcontroller with 12 Kbyte Flash
AT89S8253-24AC ATMEL-AT89S8253-24AC Datasheet
961Kb / 59P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
More results


Similar Description - AT89S8253

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LS53 ATMEL-AT89LS53 Datasheet
490Kb / 31P
8-Bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53 Datasheet
471Kb / 32P
8-Bit Microcontroller with 12K Bytes Flash
AT89S8253 ATMEL-AT89S8253 Datasheet
961Kb / 59P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S53 ATMEL-AT89S53_06 Datasheet
637Kb / 35P
8-bit Microcontroller with 12K Bytes Flash
AT89LS53 ATMEL-AT89LS53_06 Datasheet
685Kb / 35P
8-Bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53_00 Datasheet
448Kb / 33P
8-bit Microcontroller with 12K Bytes Flash
AT89S8253 ATMEL-AT89S8253_07 Datasheet
759Kb / 56P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_08 Datasheet
1Mb / 59P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_09 Datasheet
1Mb / 60P
8-bit Microcontroller with 12K Bytes Flash
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
8-bit Microcontroller with 2K Bytes Flash
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com