Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1645PBF Datasheet (PDF) - International Rectifier

MBR1645PBF Datasheet PDF - International Rectifier
Part # MBR1645PBF
Download  MBR1645PBF Download
File Size   183.73 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SCHOTTKY RECTIFIER 16 Amp (IF(AV) = 16Amp , VR = 35-45V )

MBR1645PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR1645PBF Datasheet PDF - International Rectifier

Part # MBR1645PBF
Download  MBR1645PBF Click to download

File Size   183.73 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SCHOTTKY RECTIFIER 16 Amp (IF(AV) = 16Amp , VR = 35-45V )

MBR1645PBF Datasheet (HTML) - International Rectifier


MBR1645PBF Product details

Description/ Features
The MBR16..PbF Schottky rectifier has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 150°C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and re verse battery protection.

● 150°C TJ operation
● High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
● Low forward voltage drop
● High frequency operation
● Guard ring for enhanced ruggedness and long term reliability
● Lead-Free ("PbF" suffix)




Similar Part No. - MBR1645PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR1645PBF VISHAY-MBR1645PBF Datasheet
108Kb / 6P
Schottky Rectifier, 16 A
14-Aug-08
MBR1645PBF VISHAY-MBR1645PBF Datasheet
153Kb / 7P
Schottky Rectifier, 16 A
29-Aug-11
More results


Similar Description - MBR1645PBF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS1680 MICROSEMI-MS1680 Datasheet
122Kb / 2P
16 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
MUR3020WT IRF-MUR3020WT Datasheet
167Kb / 7P
Ultrafast Rectifier (trr = 35ns , IF(AV) = 30Amp , VR = 200V)
6CWQ04FNPBF IRF-6CWQ04FNPBF Datasheet
177Kb / 7P
SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 40V
6CWQ06FNPBF IRF-6CWQ06FNPBF Datasheet
175Kb / 7P
SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 60V
MURB1520PBF IRF-MURB1520PBF Datasheet
216Kb / 10P
Ultrafast Rectifier ( trr = 35ns , IF(AV) = 15Amp , VR = 200V )
16CTQ060PBF IRF-16CTQ060PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER 16 Amp
80SCLQ045 IRF-80SCLQ045 Datasheet
73Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 80 Amp, 45V
logo
Shanghai Lunsure Electr...
MBR1620 CHENYI-MBR1620 Datasheet
79Kb / 2P
16Amp schottky barrier rectifier 20to60 volts
logo
Digitron Semiconductors
MBR3520 DIGITRON-MBR3520 Datasheet
108Kb / 2P
35 AMP SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
MBRD1220CT MCC-MBRD1220CT Datasheet
130Kb / 2P
12 Amp Schottky Rectifier 20V-45V
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com