Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6CWQ04FNPBF Datasheet (PDF) - International Rectifier

6CWQ04FNPBF Datasheet PDF - International Rectifier
Part # 6CWQ04FNPBF
Download  6CWQ04FNPBF Download
File Size   177.13 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 40V

6CWQ04FNPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
6CWQ04FNPBF Datasheet PDF - International Rectifier

Part # 6CWQ04FNPBF
Download  6CWQ04FNPBF Click to download

File Size   177.13 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 40V

6CWQ04FNPBF Datasheet (HTML) - International Rectifier


6CWQ04FNPBF Product details

Description/ Features
The 6CWQ04FNPbF surface mount, center tap, Schottky rectifier series has been designed for applications requiring low forward drop and small foot prints on PC board. Typical applications are in disk drives, switching power supplies, converters, free-wheeling diodes, battery charging, and reverse battery protection.

• Popular D-PAK outline
• Center tap configuration
• Small foot print, surface mountable
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term reliability
• Lead-Free ("PbF" suffix)




Similar Part No. - 6CWQ04FNPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CWQ04FNPBF VISHAY-6CWQ04FNPBF Datasheet
112Kb / 6P
Schottky Rectifier, 2 x 3.5 A
13-Aug-08
6CWQ04FNPBF VISHAY-6CWQ04FNPBF Datasheet
145Kb / 7P
Schottky Rectifier, 2 x 3.5 A
14-Jan-11
6CWQ04FNPBF VISHAY-6CWQ04FNPBF_12 Datasheet
145Kb / 7P
Schottky Rectifier, 2 x 3.5 A
14-Jan-11
More results


Similar Description - 6CWQ04FNPBF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR2040CT-5 SSDI-SSR2040CT-5 Datasheet
178Kb / 2P
7 AMP 45 VOLTS CENTERTAP SCHOTTKY RECTIFIER
logo
International Rectifier
MUR3020WT IRF-MUR3020WT Datasheet
167Kb / 7P
Ultrafast Rectifier (trr = 35ns , IF(AV) = 30Amp , VR = 200V)
MBR1635PBF IRF-MBR1635PBF Datasheet
183Kb / 6P
SCHOTTKY RECTIFIER 16 Amp (IF(AV) = 16Amp , VR = 35-45V )
6CWQ06FNPBF IRF-6CWQ06FNPBF Datasheet
175Kb / 7P
SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 60V
MURB1520PBF IRF-MURB1520PBF Datasheet
216Kb / 10P
Ultrafast Rectifier ( trr = 35ns , IF(AV) = 15Amp , VR = 200V )
6CWQ10FNPBF IRF-6CWQ10FNPBF Datasheet
175Kb / 7P
SCHOTTKY RECTIFIER 7 Amp
logo
SeCoS Halbleitertechnol...
SCD12L SECOS-SCD12L Datasheet
218Kb / 2P
VOLTAGE 20V ~ 40V 1.0 AMP Low Vf Schottky Barrier Rectifier s
logo
KODENSHI_AUK CORP.
SDB2040PH KODENSHI-SDB2040PH Datasheet
306Kb / 5P
40V, 20A POWER SCHOTTKY RECTIFIER
SDB1040PH-1 KODENSHI-SDB1040PH-1 Datasheet
294Kb / 5P
40V, 10A POWER SCHOTTKY RECTIFIER
logo
Unisonic Technologies
SK54 UTC-SK54 Datasheet
115Kb / 3P
5A, 40V SCHOTTKY RECTIFIER
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com