Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD12L Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SCD12L Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SCD12L
Download  SCD12L Download
File Size   218.38 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 20V ~ 40V 1.0 AMP Low Vf Schottky Barrier Rectifier s

SCD12L Datasheet (PDF)

Go To PDF Page Download Datasheet
SCD12L Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SCD12L
Download  SCD12L Click to download

File Size   218.38 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 20V ~ 40V 1.0 AMP Low Vf Schottky Barrier Rectifier s

SCD12L Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SCD12L Product details

FEATURES
* Plastic package has Underwriters Laboratory Flammability
* Classification 94V-0
* Low profile package
* Built-in strain relief
* Metal to silicon rectifier , majority carrier conduction
* Low power loss , High efficiency
* High current capability , low VF
* High surge capacity
* For using in low voltage high frequency switching power supply,
    inverters , free wheeling , and polarity protection applications
   




Similar Part No. - SCD12L

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SCD12L ZOWIE-SCD12L Datasheet
72Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
SCD12LH ZOWIE-SCD12LH Datasheet
194Kb / 2P
Schottky Barrier Diode
More results


Similar Description - SCD12L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPS115U MICROSEMI-UPS115U Datasheet
63Kb / 4P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 15 VOLT
logo
SeCoS Halbleitertechnol...
SCD22L SECOS-SCD22L Datasheet
320Kb / 2P
VOLTAGE 20V ~ 40V 2.0 AMP Low Vf Schottky B arrier Rectifiers
SCK120LP SECOS-SCK120LP Datasheet
241Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Low Vf Schottky Barrier Rectifiers
SCS120PR SECOS-SCS120PR Datasheet
198Kb / 2P
VOLTAGE 20V ~ 40V 1.0 AMP Schottky Barrier Rectifiers
SK34CL SECOS-SK34CL Datasheet
257Kb / 2P
Voltage 40V Low VF & Low IR 3.0 Amp Schottky Barrier Rectifiers
logo
Frontier Electronics.
SL12-MS FRONTIER-SL12-MS Datasheet
616Kb / 3P
1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
SL12-S FRONTIER-SL12-S Datasheet
534Kb / 3P
1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
logo
PACELEADER INDUSTRIAL
SL32-BL PACELEADER-SL32-BL Datasheet
602Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
logo
First Silicon Co., Ltd
1N5817 FS-1N5817 Datasheet
764Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 20V~40V, Forward Current 1.0 Ampere
SL22 FS-SL22 Datasheet
188Kb / 3P
VOLTAGE 20V ~ 40V 2.0AMP Surface Mount Low VF Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com