Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD12L Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCD12L
Description  VOLTAGE 20V ~ 40V 1.0 AMP Low Vf Schottky Barrier Rectifier s
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCD12L Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCD12L Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCD12L Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCD12L THRU SCD14L
VOLTAGE20V~ 40V
1.0 AMP Low Vf Schottky Barrier Rectifiers
2010
FEATURES
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Low profile package
Built-in strain relief
Metal to silicon rectifier , majority carrier conduction
Low power loss , High efficiency
High current capability , low VF
High surge capacity
For using in low voltage high frequency switching power suppl
inverters , free wheeling , and polarity protection applications
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Solder plated , solderable per MIL-STD-750,
Method 2026
Polari ty : Laser marking
Weight : 0.02 gram
*
*
*
*
*
*
*
*
*
*
*
*
*
*
y,
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25℃ ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load
derate current by 20%.
TYPE NUMBER
SYMBOLS
SCD12L
SCD14L
Maximum Recurrent Peak Reverse Voltage
VRRM
2
0
4
0
Working Peak Reverse Voltage
VRMS
20
40
V
Maximum DC Blocking Voltage
VDC
20
Maximum Average Forward Rectified Current (See FIG. 1)
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
30
A
Maximum Instantaneous Forward Voltage at 1.0A (Note1)
VF
Maximum DC Reverse Current (Note1) Ta=25℃
1.0
at Rated DC Blocking Voltage Ta=100℃
IR
mA
RθJA
88
Typical Thermal Resistance (Note 2)
RθJL
28
℃
/ W
Operating Temperature Range
TJ
-50 ~ +125
℃
Storage Temperature Range
TSTG
-65 ~ +150
℃
NOTES:
1.
Pulse test width PW=300 usec, 1% duty cycle.
2.
Mounted on P.C. board with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0.091(2.30)
R0.020(0.50)
0.083(2.10)
0.049(1.25)
0.033(0.85)
0.049(1.25)
0.033(0.85)
.181(4.60)
.002(0.05)
.173(4.40)
0.049(1.25)
0.033(0.85)
* Dimensions in inches and (millimeters)
40
V
V
0.34
80
50
V
Units
0.32
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCD12L

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SCD12L ZOWIE-SCD12L Datasheet
72Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
SCD12LH ZOWIE-SCD12LH Datasheet
194Kb / 2P
Schottky Barrier Diode
More results

Similar Description - SCD12L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPS115U MICROSEMI-UPS115U Datasheet
63Kb / 4P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 15 VOLT
logo
SeCoS Halbleitertechnol...
SCD22L SECOS-SCD22L Datasheet
320Kb / 2P
VOLTAGE 20V ~ 40V 2.0 AMP Low Vf Schottky B arrier Rectifiers
SCK120LP SECOS-SCK120LP Datasheet
241Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Low Vf Schottky Barrier Rectifiers
SCS120PR SECOS-SCS120PR Datasheet
198Kb / 2P
VOLTAGE 20V ~ 40V 1.0 AMP Schottky Barrier Rectifiers
SK34CL SECOS-SK34CL Datasheet
257Kb / 2P
Voltage 40V Low VF & Low IR 3.0 Amp Schottky Barrier Rectifiers
logo
Frontier Electronics.
SL12-MS FRONTIER-SL12-MS Datasheet
616Kb / 3P
1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
SL12-S FRONTIER-SL12-S Datasheet
534Kb / 3P
1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
logo
PACELEADER INDUSTRIAL
SL32-BL PACELEADER-SL32-BL Datasheet
602Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
logo
First Silicon Co., Ltd
1N5817 FS-1N5817 Datasheet
764Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 20V~40V, Forward Current 1.0 Ampere
SL22 FS-SL22 Datasheet
188Kb / 3P
VOLTAGE 20V ~ 40V 2.0AMP Surface Mount Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com