Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7110WF Datasheet (PDF) - ADDtek Corp

AMC7110WF Datasheet PDF - ADDtek Corp
Part # AMC7110WF
Download  AMC7110WF Download
File Size   199.26 Kbytes
Page   10 Pages
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp
Description WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION

AMC7110WF Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC7110WF Datasheet PDF - ADDtek Corp

Part # AMC7110WF
Download  AMC7110WF Click to download

File Size   199.26 Kbytes
Page   10 Pages
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp
Description WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION

AMC7110WF Datasheet (HTML) - ADDtek Corp


AMC7110WF Product details

DESCRIPTION
The AMC7110 series is member of ADDM North Star White/Blue LED driver family. No external component is required. Especially good for use Li-ion battery powered LCD display’s backlight white LEDs. The special circuit design provides over 90% efficiency in low noise. 

FEATURES
■ LED sink current 20mA and 15mA 
■ Individual current sink circuit for all LEDs outputs to prevent short / open circuit on LEDs.
■ PTC LED current for luminosity compensation.
■ 3 channels (SOT-26), 4 channels (MSOP-8) available.
■ 90% efficiency
■ Supply voltage range 2.7V ~ 6V
■ 0.1uA standby current
■ 2KV HBM ESD protection
■ Advanced Bi-CMOS process.

APPLICATIONS
■ Small Size Color LCD Backlights
■ Mobile Phone, Smart Phone Keypad Backlights




Similar Part No. - AMC7110WF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7110 ETC1-AMC7110 Datasheet
115Kb / 1P
White/Blue LED Driver for Li-Ion Battery Application
AMC7110DB ETC1-AMC7110DB Datasheet
115Kb / 1P
White/Blue LED Driver for Li-Ion Battery Application
More results


Similar Description - AMC7110WF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7110 ETC1-AMC7110 Datasheet
115Kb / 1P
White/Blue LED Driver for Li-Ion Battery Application
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
logo
SamHop Microelectronics...
SM6802 SAMHOP-SM6802 Datasheet
231Kb / 13P
WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
logo
ACE Technology Co., LTD...
ACE517 ACE-ACE517 Datasheet
213Kb / 8P
WLED Linear Driver for Li-lon Battery Application
VER 1.2
logo
Vishay Siliconix
SIP12401 VISHAY-SIP12401 Datasheet
154Kb / 7P
Boost Controller For Double AA Cell or Li-Ion Battery For White LED Application
03-Sep-07
logo
Rohm
BD99958GW ROHM-BD99958GW Datasheet
8Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
logo
Maxim Integrated Produc...
MAX17703EVKITA MAXIM-MAX17703EVKITA Datasheet
1Mb / 15P
MAX17703 in 4.2V Li-Ion Battery Charger Application
Rev 0; 4/21
logo
Rohm
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
More results




About ADDtek Corp


ADDtek Corp is a technology company based in Taiwan that specializes in the design, development, and production of digital signage solutions, including display controllers, multimedia players, and content management software.

Founded in 1999, ADDtek has become a leading provider of digital signage solutions in Asia and has expanded its market presence to other regions such as Europe and North America. The company's products are used in various industries, including retail, transportation, education, hospitality, and healthcare.

ADDtek's digital signage solutions offer advanced features such as real-time content updates, remote management and monitoring, and interactive capabilities. The company also provides customization services to tailor its solutions to specific customer requirements.

In addition to digital signage solutions, ADDtek also offers other technology products such as industrial display systems, embedded computing systems, and network communication devices. The company's goal is to provide innovative and reliable technology solutions to enhance business productivity and communication.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com