Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511 Datasheet (PDF) - Analog Devices

ADL5511 Datasheet PDF - Analog Devices
Part # ADL5511_V01
Download  ADL5511 Download
File Size   6082.19 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 6 GHz Envelope and TruPwr RMS Detector

ADL5511 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5511 Datasheet PDF - Analog Devices

Part # ADL5511_V01
Download  ADL5511 Click to download

File Size   6082.19 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 6 GHz Envelope and TruPwr RMS Detector

ADL5511 Datasheet (HTML) - Analog Devices


ADL5511 Product details

FEATURES
► Envelope tracking RF detector with output proportional to input
voltage
► Separate TruPwr rms output
► No balun or external tuning required
► Excellent temperature stability
► Input power dynamic range of 47 dB
► Input frequency range from dc to 6 GHz
► 130 MHz envelope bandwidth
► Envelope delay: 2 ns
► Single-supply operation: 4.75 V to 5.25 V
► Supply current: 21.5 mA
► Power-down mode: 130 μW
APPLICATIONS
► RMS power and envelope detection of W-CDMA, CDMA2000,
LTE, and other complex waveforms
► Drain modulation based power amplifier linearization
► Power amplifier linearization employing envelope-tracking methods




Similar Part No. - ADL5511_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5511-EVALZ AD-ADL5511-EVALZ Datasheet
1Mb / 28P
Envelope and TruPwr RMS Detector
REV. A
ADL5511-EVALZ AD-ADL5511-EVALZ Datasheet
1Mb / 28P
DC to 6 GHz Envelope and TruPwr RMS Detector
REV. A
ADL5511-EVALZ AD-ADL5511-EVALZ Datasheet
1Mb / 29P
DC to 6 GHz Envelope and TruPwr RMS Detector
Rev. B
ADL5511-EVALZ AD-ADL5511-EVALZ Datasheet
1Mb / 29P
DC to 6 GHz
Jul-2017
ADL5511ACPZ AD-ADL5511ACPZ Datasheet
1Mb / 28P
DC to 6 GHz Envelope and TruPwr RMS Detector
REV. A
More results


Similar Description - ADL5511_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
100 MHz to 6 GHz TruPwr Detector
2/06-Rev 0 to Rev. A
logo
Hittite Microwave Corpo...
HMC1021LP4E HITTITE-HMC1021LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR & ENVELOPE TRACKER, DC - 3.9 GHz
logo
Analog Devices
ADL5511 AD-ADL5511 Datasheet
1Mb / 28P
Envelope and TruPwr RMS Detector
REV. A
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5511ACPZ AD-ADL5511ACPZ Datasheet
1Mb / 28P
DC to 6 GHz Envelope and TruPwr RMS Detector
REV. A
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5511 AD-ADL5511_14 Datasheet
1Mb / 29P
DC to 6 GHz Envelope and TruPwr RMS Detector
Rev. B
ADL5910 AD-ADL5910 Datasheet
1Mb / 22P
DC to 6 GHz, ??5 dB Envelope Threshold Detector/Trigger
Rev. 0
HMC1021LP4E AD-HMC1021LP4E Datasheet
2Mb / 26P
RMS POWER DETECTOR & ENVELOPE TRACKER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com