Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOALLASHUMEDAS-10 Datasheet (PDF) - AG Electronica

TOALLASHUMEDAS-10 Datasheet PDF - AG Electronica
Part # TOALLASHUMEDAS-10
Download  TOALLASHUMEDAS-10 Download
File Size   247.79 Kbytes
Page   1 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description TOALLITAS DESINFECTANTES CON ESTERILIZACIÓN DEL 99.99%

TOALLASHUMEDAS-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
TOALLASHUMEDAS-10 Datasheet PDF - AG Electronica

Part # TOALLASHUMEDAS-10
Download  TOALLASHUMEDAS-10 Click to download

File Size   247.79 Kbytes
Page   1 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description TOALLITAS DESINFECTANTES CON ESTERILIZACIÓN DEL 99.99%

TOALLASHUMEDAS-10 Datasheet (HTML) - AG Electronica


TOALLASHUMEDAS-10 Product details

Descripción:
 Toallas desinfectantes
 75% alcohol, 25% agua electro deionizada.
 Contenido 10 piezas.
 Mata el 99.99% de los gérmenes que causan enfermedades.




Similar Part No. - TOALLASHUMEDAS-10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOAD347-RXB TOSHIBA-TOAD347-RXB Datasheet
232Kb / 4P
Optical Communication Devices 2.5Gb/s Optical Receiver
TOAD347-RXC TOSHIBA-TOAD347-RXC Datasheet
232Kb / 4P
Optical Communication Devices 2.5Gb/s Optical Receiver
logo
Mini-Circuits
TOAT-124 MINI-TOAT-124 Datasheet
190Kb / 2P
Digital Step Attenuator
TOAT-3610 MINI-TOAT-3610 Datasheet
89Kb / 2P
Digital Step Attenuator, 50ohm TTL Control, Pin Diode 10 to 1000 MHz
TOAT-4816 MINI-TOAT-4816 Datasheet
193Kb / 2P
Digital Step Attenuator
More results


Similar Description - TOALLASHUMEDAS-10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3554 NSC-LM3554 Datasheet
154Kb / 4P
Synchronous Boost Con
logo
Glenair, Inc.
189-007NH11S GLENAIR-189-007NH11S Datasheet
214Kb / 2P
Fiber-Con Backshell
logo
Hammond Manufacturing L...
FLKLED HAMMOND-FLKLED Datasheet
47Kb / 1P
Trousses de lampes DEL
logo
ERNI Electronics
384586 ERNI-384586 Datasheet
48Kb / 1P
Male Con. C32 solder
384600 ERNI-384600 Datasheet
51Kb / 1P
Male Con. C48 solder
logo
List of Unclassifed Man...
FZ800ED-CON-254 ETC-FZ800ED-CON-254 Datasheet
75Kb / 1P
CON
logo
Advantech Co., Ltd.
DPX-E110-6A ADVANTECH-DPX-E110-6A_14 Datasheet
1Mb / 2P
Piattaforma hardware completa per il mercato italiano del gaming compatibile con Comma 6a
logo
Glenair, Inc.
189-007 GLENAIR-189-007 Datasheet
693Kb / 2P
Fiber-Con Backshell
logo
Pentair plc. All rights...
460I PENTAIR-460I Datasheet
269Kb / 2P
TRES CONFIGURACIONES B횁SICAS PARA EL CONTROL DEL MEDIDOR
logo
List of Unclassifed Man...
100286 ETC-100286 Datasheet
223Kb / 1P
RevPi Con CAN
Version: EN 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com