Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOR-M3 Datasheet (PDF) - Eravant

SOR-M3 Datasheet PDF - Eravant
Part # SOR-M3
Download  SOR-M3 Download
File Size   269.69 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description Gunn Oscillator AM/FM Modulator, GaAs Gunn Diodes Biased

SOR-M3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SOR-M3 Datasheet PDF - Eravant

Part # SOR-M3
Download  SOR-M3 Click to download

File Size   269.69 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description Gunn Oscillator AM/FM Modulator, GaAs Gunn Diodes Biased

SOR-M3 Datasheet (HTML) - Eravant


SOR-M3 Product details

FEATURES
High Regulated and Precise Output Voltage
External Modulation Rate up to 10 kHz
Over Voltage and Reverse Voltage Protection
APPLICATIONS
Lab Test Setups
GaAs Gunn Oscillation Protection
GaAs Gunn Oscillation Enhancement




Similar Part No. - SOR-M3

ManufacturerPart #DatasheetDescription
logo
Eravant
SOR-M5 ERAVANT-SOR-M5 Datasheet
269Kb / 2P
Gunn Oscillator AM/FM Modulator, InP Gunn Diodes Biased
Rev 1.1
More results


Similar Description - SOR-M3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
MGM3000X SIEMENS-MGM3000X Datasheet
1,016Kb / 23P
Video Modulator for FM/AM-Audio
TDA5667-5 SIEMENS-TDA5667-5 Datasheet
716Kb / 22P
Video Modulator for FM/AM-Audio
logo
Microsemi Corporation
MG1001 MICROSEMI-MG1001 Datasheet
210Kb / 4P
GUNN Diodes Cathode Heat Sink
MG1041 MICROSEMI-MG1041 Datasheet
176Kb / 2P
GUNN Diodes Anode Heat Sink
MO8651 MICROSEMI-MO8651 Datasheet
205Kb / 3P
GUNN OSCILLATORS Fixed Frequency
MO86728 MICROSEMI-MO86728 Datasheet
176Kb / 3P
GUNN TRANSCEIVERS Fixed Frequency
MO87108 MICROSEMI-MO87108 Datasheet
168Kb / 3P
GUNN OSCILLATORS Voltage Controlled
logo
IXYS Corporation
MWT-GK IXYS-MWT-GK Datasheet
214Kb / 1P
K-band 18-26.5GHz Gunn Diode
logo
Pasternack Enterprises,...
PEWGN1001 PASTERNACK-PEWGN1001 Datasheet
382Kb / 3P
Waveguide Gunn Oscillator, Center Frequency 24.125 GHz, Tuning Range 1,000 MHz
logo
Dynex Semiconductor
AC2001 DYNEX-AC2001 Datasheet
267Kb / 2P
Millimeter Wave gunn Oscillator Module
January 2000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com