Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSB Datasheet (PDF) - Power-One

PSB Datasheet PDF - Power-One
Part # PSB
Download  PSB Download
File Size   96.25 Kbytes
Page   3 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description 3 to 8 A Switching Regulators

PSB Datasheet (PDF)

Go To PDF Page Download Datasheet
PSB Datasheet PDF - Power-One

Part # PSB
Download  PSB Click to download

File Size   96.25 Kbytes
Page   3 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description 3 to 8 A Switching Regulators

PSB Datasheet (HTML) - Power-One


PSB Product details

Input voltage up to 144 VDC

Single output of 5.1 to 48 VDC

No input-to-output isolation



Features

• RoHS lead solder exemption compliant

• Efficiency up to 96%

• Low input-output differential voltage

• No derating over temperature



 




Similar Part No. - PSB

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PSB KOA-PSB Datasheet
358Kb / 2P
chip type power shunt resistor
logo
Illinois Capacitor, Inc...
PSB ILLINOISCAPACITOR-PSB Datasheet
433Kb / 11P
Power semiconductor module protection - High pulse and rms current ??Multiple Leads
logo
Alpha Electronics Corp.
PSB ALPHAELECTRONICS-PSB Datasheet
268Kb / 2P
Ultra Precision Shunt Resistor (40 Watts)
Revision: 25-Apr-2016
logo
Premier Magnetics, Inc.
PSB-101 PMI-PSB-101 Datasheet
71Kb / 2P
SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
PSB-1012 PMI-PSB-1012 Datasheet
71Kb / 2P
SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
More results


Similar Description - PSB

ManufacturerPart #DatasheetDescription
logo
Power-One
PSA3E6-2 POWER-ONE-PSA3E6-2 Datasheet
46Kb / 4P
1...6 A Switching Regulators
PSB5A4-7IR POWER-ONE-PSB5A4-7IR Datasheet
57Kb / 4P
3...8 A Switching Regulators
PSC3E122 POWER-ONE-PSC3E122 Datasheet
54Kb / 4P
6...12 A Switching Regulators
PSK3E25-7 POWER-ONE-PSK3E25-7 Datasheet
104Kb / 5P
9...25 A Switching Regulators
PSL5A10-7R POWER-ONE-PSL5A10-7R Datasheet
59Kb / 4P
6...12 A Switching Regulators
logo
List of Unclassifed Man...
LAS6380 ETC1-LAS6380 Datasheet
266Kb / 5P
8 AMP SWITCHING REGULATORS
LAS6580 ETC1-LAS6580 Datasheet
398Kb / 8P
8 AMP SWITCHING REGULATORS
LAS-6380 ETC1-LAS-6380 Datasheet
305Kb / 5P
8 AMP SWITCHING REGULATORS
logo
Power-One
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
6 to 12 A Switching Regulators
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
6 to 12 A Switching Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com