Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSB Datasheet(PDF) 1 Page - Power-One

Part # PSB
Description  3 to 8 A Switching Regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PSB Datasheet(HTML) 1 Page - Power-One

  PSB Datasheet HTML 1Page - Power-One PSB Datasheet HTML 2Page - Power-One PSB Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PSB Series Data Sheet
3 to 8 A Switching Regulators
MAR 25, 2004 revised to JUN 01, 2006
Page 1 of 3
www.power-one.com
Features
• RoHS lead solder exemption compliant
• Efficiency up to 96%
• Low input-output differential voltage
• No derating over temperature
Input voltage up to 144 VDC
Single output of 5.1 to 48 VDC
No input-to-output isolation
Model Selection
Output
Input voltage
Rated power
Efficiency
Type
Options
Vonom
Ionom
Vi
Potot
η
[VDC]
[A]
[VDC]
[W]
[%]
5.1
4 (5)1
15 - 144
25.5
80
PSB 5A4-7iR
-9, L, P, C
5.1
6
8 - 80
30.6
81
PSB 5A6-7iR
-9, L, P, C
5.1
7
7 - 40
35.7
84
PSB 5A7-7iR
-9, L, P, C
5.1
8
7 - 40
40.8
81
PSB 5A8-2
iR-Package
12
3 (4)1
18 - 144
48
89
PSB 123-7iR
-9, L, P, C
12
5
15 - 80
60
90
PSB 125-7iR
-9, L, P, C
12
6
15 - 40
72
90
PSB 126-2
iR-Package
15
3 (4)1
22 - 144
60
90
PSB 153-7iR
-9, L, P, C
15
5
19 - 80
75
92
PSB 155-7iR
-9, L, P, C
15
6
15 - 40
90
92
PSB 156-2
iR-Package
24
3 (4)1
31 - 144
96
94
PSB 243-7iR
-9, L, P, C
24
5
29 - 80
120
95
PSB 245-7iR
-9, L, P, C
24
6
29 - 60
144
95
PSB 246-2
iR-Package
36
3 (4)1
44 - 144
144
90
PSB 153-7iR
-9, L, P, C
36
5
42 - 80
180
92
PSB 155-7iR
-9, L, P, C
48
3 (4)1
58 - 144
192
96
PSB 483-7iR
-9, L, P, C
1 For Vi
≤80V


Similar Part No. - PSB

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PSB KOA-PSB Datasheet
358Kb / 2P
chip type power shunt resistor
logo
Illinois Capacitor, Inc...
PSB ILLINOISCAPACITOR-PSB Datasheet
433Kb / 11P
Power semiconductor module protection - High pulse and rms current ??Multiple Leads
logo
Alpha Electronics Corp.
PSB ALPHAELECTRONICS-PSB Datasheet
268Kb / 2P
Ultra Precision Shunt Resistor (40 Watts)
Revision: 25-Apr-2016
logo
Premier Magnetics, Inc.
PSB-101 PMI-PSB-101 Datasheet
71Kb / 2P
SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
PSB-1012 PMI-PSB-1012 Datasheet
71Kb / 2P
SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
More results

Similar Description - PSB

ManufacturerPart #DatasheetDescription
logo
Power-One
PSA3E6-2 POWER-ONE-PSA3E6-2 Datasheet
46Kb / 4P
1...6 A Switching Regulators
PSB5A4-7IR POWER-ONE-PSB5A4-7IR Datasheet
57Kb / 4P
3...8 A Switching Regulators
PSC3E122 POWER-ONE-PSC3E122 Datasheet
54Kb / 4P
6...12 A Switching Regulators
PSK3E25-7 POWER-ONE-PSK3E25-7 Datasheet
104Kb / 5P
9...25 A Switching Regulators
PSL5A10-7R POWER-ONE-PSL5A10-7R Datasheet
59Kb / 4P
6...12 A Switching Regulators
logo
List of Unclassifed Man...
LAS6380 ETC1-LAS6380 Datasheet
266Kb / 5P
8 AMP SWITCHING REGULATORS
LAS6580 ETC1-LAS6580 Datasheet
398Kb / 8P
8 AMP SWITCHING REGULATORS
LAS-6380 ETC1-LAS-6380 Datasheet
305Kb / 5P
8 AMP SWITCHING REGULATORS
logo
Power-One
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
6 to 12 A Switching Regulators
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
6 to 12 A Switching Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com