Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LP2951 Datasheet PDF - Texas Instruments
Part # LP2951
Download  LP2951 Download
File Size   3112.23 Kbytes
Page   47 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LP2951-Q1 Automotive, Adjustable Micropower Voltage Regulator With Shutdown

LP2951 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2951 Datasheet PDF - Texas Instruments

Part # LP2951
Download  LP2951 Click to download

File Size   3112.23 Kbytes
Page   47 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LP2951-Q1 Automotive, Adjustable Micropower Voltage Regulator With Shutdown

LP2951 Datasheet (HTML) - Texas Instruments


LP2951 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: −40°C to +125°C, TA
– Temperature grade 1: −40°C to +125°C, TJ
• Wide input voltage range
– VIN range (new chip): 2V to 30V
• Wide output voltage range VOUT
– Fixed option: 3.3V, 5.0V
– Adjustable option: 1.2V to 29V
• Output current: Up to 100mA
• VOUT accuracy:
– ±2% over line, load, and temperature for legacy
chip
– ±1% over line, load, and temperature for new
chip
• Quiescent current IQ (new chip): 50μA (typical)
• Low dropout: 340mV (typical) for new chip
• Output current limiting and thermal shutdown
• Open-drain error output
• Stable over a wide range of ceramic output
capacitor values:
– CL range: 1μF to 100μF (new chip)
– ESR range: 0Ω to 2Ω (new chip)
• Package options:
– D (8-pin SOIC)
– DRG (8-pin WSON)

2 Applications
• Infotainment and clusters
• HEV/EV battery-management systems (BMS)
• HEV/EV inverters and motor controls
• HEV/EV onboard chargers (OBC) and wireless
chargers
• HEV/EV DC/DC converters

3 Description
The LP2951-Q1 is a wide input low-dropout regulator
(LDO) supporting an input voltage range from 2V to
30V and can supply up to 100mA of load current.
The LP2951-Q1 is able to output either a fixed or
adjustable output from the same device. By tying
the OUTPUT and SENSE pins together, and the
FEEDBACK and VTAP pins together, the LP2951-Q1
gives 3.3V or 5V fixed output voltages. Alternatively,
leave the SENSE and VTAP pins open and connect
FEEDBACK to an external resistor divider. This
configuration allows the output to be set to any value
between 1.2V to 29V.
The LP2951-Q1 has a ERROR output that monitors
the voltage at the feedback pin to indicate the status
of the output voltage. The SHUTDOWN input and
ERROR output are used for sequencing multiple
power supplies in the system.




Similar Part No. - LP2951

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2951 NSC-LP2951 Datasheet
1Mb / 26P
Series of Adjustable Micropower Voltage Regulators
logo
Semtech Corporation
LP2951 SEMTECH-LP2951 Datasheet
67Kb / 3P
150mA ADJUSTABLE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
LP2951 ADMOS-LP2951 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LP2951 FAIRCHILD-LP2951 Datasheet
46Kb / 10P
Adjustable Micro Power Voltage Regulator
logo
Calogic, LLC
LP2951 CALOGIC-LP2951 Datasheet
140Kb / 10P
100mA Low Dropout Voltage Regulators
More results


Similar Description - LP2951

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2950 TI-LP2950_08 Datasheet
2Mb / 25P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_10 Datasheet
2Mb / 28P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI1-LP2950_11 Datasheet
3Mb / 31P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI1-LP2950 Datasheet
3Mb / 31P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-50QDRGRQ1 TI1-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-50QDRGRQ1 TI-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_15 Datasheet
3Mb / 32P
Adjustable Micropower Voltage Regulators with Shutdown
LP2951-33-Q1 TI-LP2951-33-Q1_15 Datasheet
3Mb / 30P
Adjustable Micropower Voltage Regulators With Shutdown
LP2951-50-Q1 TI-LP2951-50-Q1_15 Datasheet
3Mb / 30P
LP2951-xx-Q1 Adjustable Micropower Voltage Regulators With Shutdown
LP2951-33-Q1 TI1-LP2951-33-Q1 Datasheet
3Mb / 30P
Adjustable Micropower Voltage Regulators With Shutdown
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com