Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951
Description  LP2951-Q1 Automotive, Adjustable Micropower Voltage Regulator With Shutdown
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951 Datasheet(HTML) 3 Page - Texas Instruments

  LP2951 Datasheet HTML 1Page - Texas Instruments LP2951 Datasheet HTML 2Page - Texas Instruments LP2951 Datasheet HTML 3Page - Texas Instruments LP2951 Datasheet HTML 4Page - Texas Instruments LP2951 Datasheet HTML 5Page - Texas Instruments LP2951 Datasheet HTML 6Page - Texas Instruments LP2951 Datasheet HTML 7Page - Texas Instruments LP2951 Datasheet HTML 8Page - Texas Instruments LP2951 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
4 Pin Configuration and Functions
SHUTDOWN
3
6
VTAP
GND
4
5
ERROR
OUTPUT
1
SENSE
2
8
INPUT
7
FEEDBACK
Figure 4-1. D Package (LP2951-50-Q1), 8-Pin SOIC
(Top View)
OUTPUT
SENSE
SHUTDOWN
GND
1
8
2
Thermal
7
3
6
4
5
INPUT
FEEDBACK
V
TAP
ERROR
Figure 4-2. DRG Package, 8-Pin WSON With
Exposed Thermal Pad (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
ERROR
5
O
Active-low, open-drain error output. Goes low when VOUT drops by 6% of the
nominal value.
FEEDBACK
7
I
Determines the output voltage. Connect to VTAP (with OUTPUT tied to SENSE)
for fixed output option, or connect to a resistor divider for adjustable output
option.
GND
4
—
Ground
INPUT
8
I
Input supply pin. Use a capacitor with a value of 1µF or larger from this pin
to ground is recommended. See the Input and Output Capacitor Requirements
section for more information.
OUTPUT
1
O
A capacitor is required from OUTPUT to GND for stability. For best transient
response, use the nominal recommended value or larger ceramic capacitor from
OUTPUT to GND(2). Place the output capacitor as close to the device output
as possible. See the Input and Output Capacitor Requirements section for more
details.
SENSE
2
I
Senses the output voltage. Connect to OUTPUT (with FEEDBACK tied to VTAP)
for fixed output option only. If using the device as adjustable output, this pin must
be left floating.
SHUTDOWN
3
I
Active-high input. A high signal disables the device; a low signal enables the
device.
VTAP
6
O
Connect to FEEDBACK for fixed output option. If using the device as adjustable
output, this pin must be left floating.
(1)
I = Input, O = Output.
(2)
The nominal output capacitance must be greater than 1μF. Throughout this document, the nominal derating on these capacitors is
assumed to be 50%. Verify that the effective capacitance at the pin is greater than 1μF.
www.ti.com
LP2951-Q1
SLVSAW6H – JUNE 2011 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LP2951-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com