Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951
Description  LP2951-Q1 Automotive, Adjustable Micropower Voltage Regulator With Shutdown
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP2951 Datasheet HTML 12Page - Texas Instruments LP2951 Datasheet HTML 13Page - Texas Instruments LP2951 Datasheet HTML 14Page - Texas Instruments LP2951 Datasheet HTML 15Page - Texas Instruments LP2951 Datasheet HTML 16Page - Texas Instruments LP2951 Datasheet HTML 17Page - Texas Instruments LP2951 Datasheet HTML 18Page - Texas Instruments LP2951 Datasheet HTML 19Page - Texas Instruments LP2951 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
5.7 Typical Characteristics (continued)
at VIN = VOUT (nominal) + 1V, IL = 100μA, CL = 1µF (for new chip) and CL = 2.2µF (for legacy chip) (unless otherwise noted)
-30
0
30
60
90
120
150
T
A- Temperature - °C
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
Figure 5-37. Shutdown Threshold Voltage (Off to On) vs
Temperature (New Chip)
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Temperature – °C
Figure 5-38. Shutdown Threshold Voltage (On to Off) vs
Temperature (Legacy Chip)
-30
0
30
60
90
120
150
T
A- Temperature - °C
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
Figure 5-39. Shutdown Threshold Voltage (On to Off) vs
Temperature (New Chip)
-2
-1
0
1
2
3
4
5
6
0
5
10
15
20
25
30
VIN – Input Voltage – V
Figure 5-40. Line Regulation vs Input Voltage (Legacy Chip)
0
5
10
15
20
25
30
V
IN- Input Voltage - V
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
VOUT = 5V, IL = 100μA
Figure 5-41. Line Regulation vs Input Voltage (New Chip)
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
I
O- Output Current - A
-15
-10
-5
0
5
10
15
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
VIN = 6V, VOUT = 5V
Figure 5-42. Load Regulation vs Load Current (New Chip)
LP2951-Q1
SLVSAW6H – JUNE 2011 – REVISED NOVEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LP2951-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com