Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951
Description  LP2951-Q1 Automotive, Adjustable Micropower Voltage Regulator With Shutdown
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2951 Datasheet HTML 9Page - Texas Instruments LP2951 Datasheet HTML 10Page - Texas Instruments LP2951 Datasheet HTML 11Page - Texas Instruments LP2951 Datasheet HTML 12Page - Texas Instruments LP2951 Datasheet HTML 13Page - Texas Instruments LP2951 Datasheet HTML 14Page - Texas Instruments LP2951 Datasheet HTML 15Page - Texas Instruments LP2951 Datasheet HTML 16Page - Texas Instruments LP2951 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
5.7 Typical Characteristics (continued)
at VIN = VOUT (nominal) + 1V, IL = 100μA, CL = 1µF (for new chip) and CL = 2.2µF (for legacy chip) (unless otherwise noted)
Te mperature (
C)
-40 -25 -10
5
20
35
50
65
80
95 110 125
50
55
60
65
70
75
80
85
90
95
100
IL = 100A
VIN = 6V
Figure 5-19. Quiescent Current vs Temperature (IL = 100μA)
(Legacy Chip)
-30
0
30
60
90
120
150
T
A- Temperature - °C
45
50
55
60
65
70
75
80
85
90
95
100
VIN = 6V, VOUT = 5V
Figure 5-20. Quiescent Current vs Temperature (IL = 100μA)
(New Chip)
50
75
100
125
150
175
200
225
250
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Temperature – °C
Figure 5-21. Short-Circuit Current vs Temperature (Legacy
Chip)
-30
0
30
60
90
120
150
T
A- Temperature - °C
50
75
100
125
150
175
200
225
250
VIN = 6V, VOUT = 0V
Figure 5-22. Short-Circuit Current vs Temperature (New Chip)
Te mperature (
C)
-40 -25 -10
5
20
35
50
65
80
95 110 125
0
50
100
150
200
250
300
350
400
450
500
RL = 100A
RL = 100mA
Figure 5-23. Dropout Voltage vs Temperature (Legacy Chip)
-30
0
30
60
90
120
150
T
A- Temperature - °C
50
100
150
200
250
300
350
400
450
500
I
L= 50mA
I
L= 100mA
VIN = 4.9V
Figure 5-24. Dropout Voltage vs Temperature (New Chip)
www.ti.com
LP2951-Q1
SLVSAW6H – JUNE 2011 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LP2951-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com