Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1232LP Datasheet (PDF) - SYC Electronica

DS1232LP Datasheet PDF - SYC Electronica
Part # DS1232LP
Download  DS1232LP Download
File Size   131.29 Kbytes
Page   7 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Low Power MicroMonitor Chip

DS1232LP Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1232LP Datasheet PDF - SYC Electronica

Part # DS1232LP
Download  DS1232LP Click to download

File Size   131.29 Kbytes
Page   7 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Low Power MicroMonitor Chip

DS1232LP Datasheet (HTML) - SYC Electronica


DS1232LP Product details

DESCRIPTION
The DS1232LP/LPS Low Power MicroMonitor Chip monitors three vital conditions for a
microprocessor: power supply, software execution, and external over-ride. First, a precision temperaturecompensated
reference and comparator circuit monitors the status of VCC. When an out-of-tolerance
condition occurs, an internal power-fail signal is generated which forces reset to the active state. When
VCC returns to an in-tolerance condition, the reset signals are kept in the active state for a minimum of
250 ms to allow the power supply and processor to stabilize.

FEATURES
Super-low power version of DS1232
50 μA quiescent current
Halts and restarts an out-of-control
microprocessor
Automatically restarts microprocessor after
power failure
Monitors pushbutton for external override
Accurate 5% or 10% microprocessor power
supply monitoring
8-pin DIP, 8-pin SOIC or space saving μ-SOP
package available
Optional 16-pin SOIC package available
Industrial temperature -40°C to +85°C
available, designated N




Similar Part No. - DS1232LP

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1232LP DALLAS-DS1232LP Datasheet
61Kb / 7P
Low Power MicroMonitor Chip
DS1232LP DALLAS-DS1232LP Datasheet
104Kb / 7P
Low Power MicroMonitor Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1232LP ARTSCHIP-DS1232LP Datasheet
137Kb / 7P
Low Power MicroMonitor Chip
logo
Maxim Integrated Produc...
DS1232LP MAXIM-DS1232LP Datasheet
104Kb / 7P
Low Power MicroMonitor Chip
111899
logo
Dallas Semiconductor
DS1232LPS DALLAS-DS1232LPS Datasheet
61Kb / 7P
Low Power MicroMonitor Chip
More results


Similar Description - DS1232LP

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1232 DALLAS-DS1232 Datasheet
96Kb / 7P
MicroMonitor Chip
DS1232LP DALLAS-DS1232LP Datasheet
61Kb / 7P
Low Power MicroMonitor Chip
logo
Integral Corp.
IN1232 INTEGRAL-IN1232 Datasheet
122Kb / 6P
MICROMONITOR CHIP
logo
Maxim Integrated Produc...
DS1831A MAXIM-DS1831A Datasheet
200Kb / 14P
Multisupply Micromonitor
060303
DS1832S MAXIM-DS1832S Datasheet
116Kb / 7P
3.3-Volt MicroMonitor Chip
112099
logo
Dallas Semiconductor
DS1232LPU DALLAS-DS1232LPU Datasheet
104Kb / 7P
Low Power MicroMonitor Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1232LP ARTSCHIP-DS1232LP Datasheet
137Kb / 7P
Low Power MicroMonitor Chip
logo
Maxim Integrated Produc...
DS1832 MAXIM-DS1832 Datasheet
116Kb / 7P
3.3-Volt MicroMonitor Chip
112099
DS1232LP MAXIM-DS1232LP Datasheet
104Kb / 7P
Low Power MicroMonitor Chip
111899
DS1232 MAXIM-DS1232 Datasheet
138Kb / 7P
MicroMonitor Chip
111899
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com