Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1232LP Datasheet(PDF) 1 Page - SYC Electronica

Part # DS1232LP
Description  Low Power MicroMonitor Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

DS1232LP Datasheet(HTML) 1 Page - SYC Electronica

  DS1232LP Datasheet HTML 1Page - SYC Electronica DS1232LP Datasheet HTML 2Page - SYC Electronica DS1232LP Datasheet HTML 3Page - SYC Electronica DS1232LP Datasheet HTML 4Page - SYC Electronica DS1232LP Datasheet HTML 5Page - SYC Electronica DS1232LP Datasheet HTML 6Page - SYC Electronica DS1232LP Datasheet HTML 7Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1 of 7
111899
FEATURES
Super-low power version of DS1232
50
µA quiescent current
Halts and restarts an out-of-control
microprocessor
Automatically restarts microprocessor after
power failure
Monitors pushbutton for external override
Accurate 5% or 10% microprocessor power
supply monitoring
8-pin DIP, 8-pin SOIC or space saving
µ-SOP
package available
Optional 16-pin SOIC package available
Industrial temperature -40°C to +85°C
available, designated N
PIN ASSIGNMENT
PIN DESCRIPTION
PBRST
- Pushbutton Reset Input
TD
- Time Delay Set
TOL
- Selects 5% or 10% VCC Detect
GND
- Ground
RST
- Reset Output (Active High)
RST
- Reset Output (Active Low, open
drain)
ST
- Strobe Input
VCC
- +5 Volt Power
DESCRIPTION
The DS1232LP/LPS Low Power MicroMonitor Chip monitors three vital conditions for a
microprocessor: power supply, software execution, and external over-ride. First, a precision temperature-
compensated reference and comparator circuit monitors the status of VCC. When an out-of-tolerance
condition occurs, an internal power-fail signal is generated which forces reset to the active state. When
VCC returns to an in-tolerance condition, the reset signals are kept in the active state for a minimum of
250 ms to allow the power supply and processor to stabilize.
DS1232LP/LPS
Low Power MicroMonitor Chip
DS1232LP 8-Pin DIP (300-mil)
See Mech. Drawings Section
PBRST
TD
TOL
GND
VCC
ST
RST
1
2
3
4
8
7
6
5
RST
DS1232LPS 16-Pin SOIC (300-mil)
See Mech. Drawings Section
NC
PBRST
NC
TD
NC
TOL
NC
GND
NC
VCC
NC
ST
NC
RST
NC
RST
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
DS1232LP
µ (118-mil µ-SOP)
See Mech. Drawings Section
PBRST
TD
TOL
GND
VCC
ST
RST
RST
DS1232LPS-2 8-Pin SOIC (150-mil)
See Mech. Drawings Section
PBRST
TD
TOL
GND
VCC
ST
RST
1
2
3
4
8
7
6
5
RST
8
7
6
5
1
2
3
4


Similar Part No. - DS1232LP

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1232LP DALLAS-DS1232LP Datasheet
61Kb / 7P
Low Power MicroMonitor Chip
DS1232LP DALLAS-DS1232LP Datasheet
104Kb / 7P
Low Power MicroMonitor Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1232LP ARTSCHIP-DS1232LP Datasheet
137Kb / 7P
Low Power MicroMonitor Chip
logo
Maxim Integrated Produc...
DS1232LP MAXIM-DS1232LP Datasheet
104Kb / 7P
Low Power MicroMonitor Chip
111899
logo
Dallas Semiconductor
DS1232LPS DALLAS-DS1232LPS Datasheet
61Kb / 7P
Low Power MicroMonitor Chip
More results

Similar Description - DS1232LP

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1232 DALLAS-DS1232 Datasheet
96Kb / 7P
MicroMonitor Chip
DS1232LP DALLAS-DS1232LP Datasheet
61Kb / 7P
Low Power MicroMonitor Chip
logo
Integral Corp.
IN1232 INTEGRAL-IN1232 Datasheet
122Kb / 6P
MICROMONITOR CHIP
logo
Maxim Integrated Produc...
DS1831A MAXIM-DS1831A Datasheet
200Kb / 14P
Multisupply Micromonitor
060303
DS1832S MAXIM-DS1832S Datasheet
116Kb / 7P
3.3-Volt MicroMonitor Chip
112099
logo
Dallas Semiconductor
DS1232LPU DALLAS-DS1232LPU Datasheet
104Kb / 7P
Low Power MicroMonitor Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1232LP ARTSCHIP-DS1232LP Datasheet
137Kb / 7P
Low Power MicroMonitor Chip
logo
Maxim Integrated Produc...
DS1832 MAXIM-DS1832 Datasheet
116Kb / 7P
3.3-Volt MicroMonitor Chip
112099
DS1232LP MAXIM-DS1232LP Datasheet
104Kb / 7P
Low Power MicroMonitor Chip
111899
DS1232 MAXIM-DS1232 Datasheet
138Kb / 7P
MicroMonitor Chip
111899
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com