Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS56L-PCI Datasheet (PDF) - List of Unclassifed Manufacturers

RS56L-PCI Datasheet PDF - List of Unclassifed Manufacturers
Part # RS56L-PCI
Download  RS56L-PCI Download
File Size   161.61 Kbytes
Page   12 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Host-Processed V.90/K56flex?? Modem Device Family for Mobile Applications

RS56L-PCI Datasheet (PDF)

Go To PDF Page Download Datasheet
RS56L-PCI Datasheet PDF - List of Unclassifed Manufacturers

Part # RS56L-PCI
Download  RS56L-PCI Click to download

File Size   161.61 Kbytes
Page   12 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Host-Processed V.90/K56flex?? Modem Device Family for Mobile Applications

RS56L-PCI Datasheet (HTML) - List of Unclassifed Manufacturers


RS56L-PCI Product details

[Rockwell]

Introduction
The Rockwell RS56L-PCI (SoftK56) Host-Processed V.90/K56flex™ Modem Device supports high speed analog data up to 56 kbps, 14.4 kbps fax, voice/TAM, cellular phone, and speakerphone (optional) operation. The modem operates with PSTN telephone lines as well as analog and digital cellular phones in the U.S. and world-wide depending upon model and installed software drivers. The modem models are listed in Table 1.

Features
• Data modem
    − ITU-T V.90, K56flex, V.34 (33.6 kbps), V.32 bis, V.32, V.22 bis, V.22, V.23, and V.21; Bell 212A and 103
    − V.42 LAPM and MNP 2-4 error correction
    − V.42 bis and MNP 5 data compression
    − V.250 (ex V.25 ter) and V.251 (ex V.25 ter Annex A) commands
• Fax modem send and receive rates up to 14.4 kbps
    − ITU-T V.17, V.29, V.27 ter, and V.21 channel 2
    − EIA/TIA 578 Class 1 and T.31 Class 1.0 commands
• Voice, telephony, TAM
    − V.253 commands
    − 8-bit µ-Law/A-Law coding (G.711)
    − 8-bit/16-bit linear coding
    − 8000/7200 Hz sample rate
    − Music on hold from host or analog hardware input
    − TAM support with concurrent DTMF detect, ring detect, and caller ID
• V.80 synchronous access mode supports host-controlled communication protocols
    − H.324 interface support
• V.8/V.8bis and V.251 (ex V.25 ter Annex A) commands
• Data/Fax/Voice call discrimination
• Switching to/from data and fax
• Full-duplex Speakerphone (FDSP) Mode (SP model)
    − External microphone and speaker interface
    − Microphone gain and muting
    − Speaker volume control and muting
    − Adaptive acoustic and line echo cancellation
    − Loop gain control, transmit and receive path AGC
• Cellular phone interface
    − Hardware interface supports multiple standards
    − Cell phone specific software supports different types and models
• Multiple country support
    − Call progress, blacklisting
• Single profile stored in host
• Modem and audio paths concurrent across PCI bus
• System compatibilities
    − Windows 95, Windows 95 OSR2, Windows 98, Windows NT 4.0, Windows NT 5.0 operating systems
    − Microsofts PC 98 Design Initiative compliant
    − Unimodem/V compliant
• 32-bit PCI Local Bus interface
    − Conforms to the PCI Local Bus Specification, Production Version, Revision 2.1
    − PCI Bus Mastering interface to the LVC
    − 33 MHz PCI clock support
• Supports PCI Bus Power Management
    − Conforms to PCI Bus Power Management Specification, Rev. 1.1
    − ACPI Power Management Registers
    − APM support
    − PME# support
• Thin package supports low profile designs
    − R6794: 144-pin TQFP (1.6 mm max. height)
• +3.3V operation with +5V tolerant digital inputs
• +5V or +3.3V analog operation




Similar Part No. - RS56L-PCI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS560C ETC-RS560C Datasheet
132Kb / 2P
Vielseitige Hochfrequenzverstarker-IS
More results


Similar Description - RS56L-PCI

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
RC56D-USB CONEXANT-RC56D-USB Datasheet
171Kb / 14P
INTEGRATED V.90/K56FLEX MODEM DEVICE SETS WITH USB INTERFACE FOR DESKTOP APPLICATIONS
logo
List of Unclassifed Man...
RH56D-PCI ETC-RH56D-PCI Datasheet
357Kb / 60P
MODEM DEVICE FAMILY FOR DESKTOP APPLICATIONS
logo
Synaptics Incorporated.
RH56D-PCI CONEXANT-RH56D-PCI Datasheet
199Kb / 12P
Host Controlled V.90/K56flex Modem device
RP56LD CONEXANT-RP56LD Datasheet
286Kb / 24P
LOW VOLTAGE V.90/K56FLEX V.34/V.32 BIS MODEM DATA PUMPS FOR LOW POWER APPLICATIONS
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
logo
Synaptics Incorporated.
RC56LD CONEXANT-RC56LD Datasheet
194Kb / 22P
Integrated V.90/K56flex/V.34/V.32bis Modem Device Sets for Low Power Applications
RP56D CONEXANT-RP56D Datasheet
230Kb / 18P
Low Voltage V.90/ K56flex / V.34/ v.32bis Modem Data Pumps for Desktop Applications
logo
List of Unclassifed Man...
CL3256A ETC2-CL3256A Datasheet
166Kb / 14P
Laser Processed Logic Device Family
December 2000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com