Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH56D-PCI Datasheet (PDF) - List of Unclassifed Manufacturers

RH56D-PCI Datasheet PDF - List of Unclassifed Manufacturers
Part # RH56D-PCI
Download  RH56D-PCI Download
File Size   357.31 Kbytes
Page   60 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description MODEM DEVICE FAMILY FOR DESKTOP APPLICATIONS

RH56D-PCI Datasheet (PDF)

Go To PDF Page Download Datasheet
RH56D-PCI Datasheet PDF - List of Unclassifed Manufacturers

Part # RH56D-PCI
Download  RH56D-PCI Click to download

File Size   357.31 Kbytes
Page   60 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description MODEM DEVICE FAMILY FOR DESKTOP APPLICATIONS

RH56D-PCI Datasheet (HTML) - List of Unclassifed Manufacturers


RH56D-PCI Product details

[Conexant]

INTRODUCTION
SUMMARY
The Conexant RH56D-PCI V.90/K56flex Host Controlled Modem Device Family supports high speed analog data up to 56 kbps, 14.4 kbps fax, voice/TAM, and speakerphone (optional) operation. The modem operates with PSTN telephone lines in the U.S. and world-wide. The modem is available with or without speakerphone support (see Table 1-1).
The modem is packaged in a single 144-pin thin quad flat pack (TQFP) that combines PCI Bus Interface (BIF) and Modem Data Pump (MDP) functions. This modem is pin-compatible with the SoftK56-PCI modem, part number R6793 (see SoftK56-PCI data sheet Order No. MD231).

FEATURES
• Data modem
   − ITU-T V.90, K56flex, V.34 (33.6 kbps), V.32 bis, V.32, V.22 bis, V.22, V.23, and V.21; Bell 212A and 103
   − V.42 LAPM and MNP 2-4 error correction
   − V.42 bis and MNP 5 data compression
   − V.250 (ex V.25 ter) and V.251 (ex V.25 ter Annex A) commands
   − Fax modem send and receive rates up to 14.4 kbps ITU-T V.17, V.29, V.27 ter, and V.21 channel 2
   − EIA/TIA 578 Class 1 and T.31 Class 1.0 commands
• Voice, telephony, TAM
   − V.253 commands
   − 8-bit µ-Law/A-Law coding (G.711)
   − 8-bit/16-bit linear coding
   − 8000/7200 Hz sample rate
   − Music on hold from host or analog hardware input
   − TAM support with concurrent DTMF detect, ring detect and caller ID
• V.80 synchronous access mode supports host-controlled communication protocols
   − H.324 interface support
• V.8/V.8bis and V.251 (ex V.25 ter Annex A) commands
• Full-duplex Speakerphone (FDSP) Mode (SP model)
   − Telephone handset interface
   − External microphone and speaker interface
   − Microphone gain and muting
   − Speaker volume control and muting
   − Adaptive acoustic, line, and handset echo cancellation
   − Loop gain control, transmit and receive path AGC
• Data/Fax/Voice call discrimination
• Multiple country support
   − Call progress, blacklisting
• Single profile stored in host
• Modem and audio paths concurrent across PCI Bus
• System compatibilities
   − Windows 95, Windows 95 OSR2, Windows 98, Windows NT 4.0, Windows NT 5.0 operating systems
   − Microsofts PC 98 Design Initiative compliant
   − Unimodem/V compliant
   − Pentium 133 MHz equivalent or greater
   − 16 Mbyte RAM or more
• 32-bit PCI Local Bus interface
   − Conforms to the PCI Local Bus Specification, Production Version, Revision 2.1
   − PCI Bus Mastering interface to the MDP
   − 33 MHz PCI clock support
• Supports PCI Bus Power Management
   − Conforms to PCI Bus Power Management Specification, Rev. 1.1
   − ACPI Power Management Registers
   − APM support
   − PME# support
• Device package
   − R6795 Modem: 144-pin TQFP (1.6 mm max. height)
• +3.3V operation with +5V tolerant digital inputs
• +5V or +3.3V analog operation




Similar Part No. - RH56D-PCI

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
RH56D-PCI CONEXANT-RH56D-PCI Datasheet
199Kb / 12P
Host Controlled V.90/K56flex Modem device
More results


Similar Description - RH56D-PCI

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
RC56D-USB CONEXANT-RC56D-USB Datasheet
171Kb / 14P
INTEGRATED V.90/K56FLEX MODEM DEVICE SETS WITH USB INTERFACE FOR DESKTOP APPLICATIONS
AR-11627 CONEXANT-AR-11627 Datasheet
159Kb / 24P
AccessRunner ADSL Modem Device Set for PCI Applications
logo
List of Unclassifed Man...
RC288ACL ETC1-RC288ACL Datasheet
5Mb / 69P
Intergrated V.34 Data/V.17 Fax/Voice Modem Device Set Family
logo
Agere Systems
OCM-22 AGERE-OCM-22 Datasheet
184Kb / 4P
One-Chip Modem for Embedded Applications
Rev 1.0 April 2005
logo
Synaptics Incorporated.
CX06836 CONEXANT-CX06836 Datasheet
1Mb / 2P
CXHSF-USB Modem Device
logo
List of Unclassifed Man...
RS56L-PCI ETC2-RS56L-PCI Datasheet
161Kb / 12P
Host-Processed V.90/K56flex?? Modem Device Family for Mobile Applications
logo
Synaptics Incorporated.
RP56D CONEXANT-RP56D Datasheet
230Kb / 18P
Low Voltage V.90/ K56flex / V.34/ v.32bis Modem Data Pumps for Desktop Applications
CX06833 CONEXANT-CX06833 Datasheet
211Kb / 2P
Controller-Based Modem for Embedded Applications
FM336 CONEXANT-FM336 Datasheet
85Kb / 14P
High Performance Fax Modem Family
logo
Ultralife Corporation.
CH0002 ULTRALIFE-CH0002 Datasheet
449Kb / 1P
Commercial desktop charger for UBI-2590 battery family
13 NOV 12 Rev: F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com