Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM1490EA Datasheet (PDF) - Rakon Limited

ROM1490EA Datasheet PDF - Rakon Limited
Part # ROM1490EA
Download  ROM1490EA Download
File Size   442.13 Kbytes
Page   2 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Mercury ™ IC OCXO | Networking & Stratum 3E

ROM1490EA Datasheet (PDF)

Go To PDF Page Download Datasheet
ROM1490EA Datasheet PDF - Rakon Limited

Part # ROM1490EA
Download  ROM1490EA Click to download

File Size   442.13 Kbytes
Page   2 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Mercury ™ IC OCXO | Networking & Stratum 3E

ROM1490EA Datasheet (HTML) - Rakon Limited


ROM1490EA Product details

Features
 Stratum 3E grade stability and ageing
 Low ADEV and RMS phase jitter
 Miniature SC-cut crystal
 Fast warm-up time
 Ultra-reliable OTP memory programming
 Lower customer Total Cost of Ownership through VLSI ASIC-integration

Applications
 Stratum 3E
 PTP Enabled Ethernet Switches and Routers
 Cable Modem CMTS and Remote PHYs
 G.8262, G.8262.1, G.8263, G.8273.2, G.8273.3, G.8273.4




Similar Part No. - ROM1490EA

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
ROM1490E RAKON-ROM1490E Datasheet
468Kb / 2P
Mercury ™ IC OCXO | Networking & Stratum 3E
10 June 2021
More results


Similar Description - ROM1490EA

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM40S AXTAL-AXIOM40S Datasheet
53Kb / 2P
OCXO with Stratum 3E stabilitiy
2005-07-15
logo
CTS Corporation
118 CTS-118 Datasheet
102Kb / 4P
1?쓝1??Stratum 3E OCXO
1180026-XXX CTS-1180026-XXX Datasheet
145Kb / 4P
20.000 MHz OCXO Stratum 3E
logo
Connor-Winfield Corpora...
ABOF5S3E CONNOR-WINFIELD-ABOF5S3E Datasheet
188Kb / 2P
STRATUM 3E HCMOS OCXO
ACOF5S3E CONNOR-WINFIELD-ACOF5S3E Datasheet
184Kb / 2P
STRATUM 3E HCMOS OCXO
AIOF5S3E CONNOR-WINFIELD-AIOF5S3E Datasheet
173Kb / 2P
STRATUM 3E 5V HCMOS OCXO
ASOF5S3E CONNOR-WINFIELD-ASOF5S3E Datasheet
203Kb / 2P
SURFACE MOUNT STRATUM 3E HCMOS OCXO
OFC5EF1AB CONNOR-WINFIELD-OFC5EF1AB Datasheet
133Kb / 2P
5.0V HCMOS STRATUM 3E OCXO
OFC5EF3AB CONNOR-WINFIELD-OFC5EF3AB Datasheet
133Kb / 2P
STRATUM 3E HCMOS OCXO
OFC5EF3ABG5 CONNOR-WINFIELD-OFC5EF3ABG5 Datasheet
181Kb / 2P
STRATUM 3E 5V HCMOS OCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com