Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-4264 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ASDL-4264 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ASDL-4264
Download  ASDL-4264 Download
File Size   135.56 Kbytes
Page   4 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Efficiency T-1 쩐 (5mm) Infrared (940nm) Lamp

ASDL-4264 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASDL-4264 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ASDL-4264
Download  ASDL-4264 Click to download

File Size   135.56 Kbytes
Page   4 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Efficiency T-1 쩐 (5mm) Infrared (940nm) Lamp

ASDL-4264 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED




Similar Part No. - ASDL-4264

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
ASDL-4264 LITEON-ASDL-4264 Datasheet
147Kb / 4P
Property of Lite-On Only
More results


Similar Description - ASDL-4264

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4263 AVAGO-ASDL-4263 Datasheet
131Kb / 4P
High Efficiency T-1 쩐 (5mm) Infrared (940nm) Lamp
ASDL-4262 AVAGO-ASDL-4262 Datasheet
185Kb / 4P
High Power T-1쩐 (5mm) AlGaAs/GaAs Infrared (940nm) Lamp
HSDL-4271 AVAGO-HSDL-4271 Datasheet
84Kb / 4P
High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
HSDL-4250 AVAGO-HSDL-4250 Datasheet
180Kb / 4P
High-Performance T-1 쩐 (5mm) AlGaAs Infrared (870nm) Lamp
HSDL-4270 AVAGO-HSDL-4270 Datasheet
130Kb / 4P
High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
logo
Lite-On Technology Corp...
HSDL-4250 LITEON-HSDL-4250 Datasheet
190Kb / 4P
High-Performance T-1 쩐 (5mm) AlGaAs Infrared (870nm) Lamp
HSDL-4270 LITEON-HSDL-4270 Datasheet
140Kb / 4P
High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
HSDL-4271 LITEON-HSDL-4271 Datasheet
94Kb / 4P
High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
logo
CT Micro International ...
IR500N-C0 CTMICRO-IR500N-C0 Datasheet
785Kb / 8P
5mm Lamp Type 940nm Infrared Emitter
IR500N-D0 CTMICRO-IR500N-D0 Datasheet
783Kb / 8P
5mm Lamp Type 940nm Infrared Emitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com