Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT025W120G3AG Datasheet (PDF) - STMicroelectronics

SCT025W120G3AG Datasheet PDF - STMicroelectronics
Part # SCT025W120G3AG
Download  SCT025W120G3AG Download
File Size   493.97 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade silicon carbide Power MOSFET 1200 V, 27 mΩ typ., 56 A in an HiP247 package

SCT025W120G3AG Datasheet (PDF)

Go To PDF Page Download Datasheet
SCT025W120G3AG Datasheet PDF - STMicroelectronics

Part # SCT025W120G3AG
Download  SCT025W120G3AG Click to download

File Size   493.97 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade silicon carbide Power MOSFET 1200 V, 27 mΩ typ., 56 A in an HiP247 package

SCT025W120G3AG Datasheet (HTML) - STMicroelectronics


SCT025W120G3AG Product details

Features
• AEC-Q101 qualified
• Very low RDS(on) over the entire temperature range
• High speed switching performances
• Very fast and robust intrinsic body diode
• Very high operating junction temperature capability (TJ = 200 °C)

Applications
• Main inverter (electric traction)
• DC/DC converter for EV/HEV
• On board charger (OBC)




Similar Part No. - SCT025W120G3AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCT025W120G3-4AG STMICROELECTRONICS-SCT025W120G3-4AG Datasheet
1Mb / 12P
Automotive-grade silicon carbide Power MOSFET 1200 V, 27 mΩ typ., 56 A in an HiP247-4 package
15-Nov-2024
More results


Similar Description - SCT025W120G3AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCTW40N120G2V STMICROELECTRONICS-SCTW40N120G2V Datasheet
205Kb / 12P
Silicon carbide Power MOSFET 1200 V, 62 mΩ typ., 36 A in an HiP247 package
09-Jun-2021
SCTW100N120G2AG STMICROELECTRONICS-SCTW100N120G2AG Datasheet
217Kb / 11P
Automotive-grade silicon carbide Power MOSFET 1200 V, 75 A,30 mΩ (typ., TJ=25 °C), in an HiP247 package
23-Jul-2020
SCTW35N65G2VAG STMICROELECTRONICS-SCTW35N65G2VAG Datasheet
206Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 45 A, 55 mΩ (typ., TJ = 25 °C) in an HiP247 package
09-Sep-2020
SCTW60N120G2AG STMICROELECTRONICS-SCTW60N120G2AG Datasheet
197Kb / 11P
Automotive-grade silicon carbide Power MOSFET 1200 V, 52 A, 45 mΩ (typ., TJ = 25 °C) in an HiP247 package
18-May-2020
SCTWA40N120G2AG STMICROELECTRONICS-SCTWA40N120G2AG Datasheet
257Kb / 12P
Automotive‑grade silicon carbide Power MOSFET 1200 V, 75 mΩ typ., 33 A in an HiP247 long leads package
22-Nov-2021
SCTWA60N120G2AG STMICROELECTRONICS-SCTWA60N120G2AG Datasheet
242Kb / 12P
Automotive-grade silicon carbide Power MOSFET 1200 V, 45 mΩ typ., 52 A in an HiP247 long leads package
16-Dec-2020
SCT025H120G3AG STMICROELECTRONICS-SCT025H120G3AG Datasheet
369Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 27 mΩ typ., 55 A in an H²PAK-7 package
28-Nov-2022
SCT070H120G3AG STMICROELECTRONICS-SCT070H120G3AG Datasheet
396Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 63 mΩ typ., 30 A in an H²PAK-7 package
04-Apr-2023
SCT10N120AG STMICROELECTRONICS-SCT10N120AG Datasheet
238Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 12 A, 520 mΩ (typ., TJ = 150 °C) in an HiP247 package
21-Sep-2022
SCTH60N120G2-7AG STMICROELECTRONICS-SCTH60N120G2-7AG Datasheet
356Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 45 mΩ typ., 55 A in an H²PAK-7 package
02-Aug-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com