Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPF-7003 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPF-7003 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPF-7003
Download  ACPF-7003 Download
File Size   579.5 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Rx and Image Rejection Tx Filter for US PCS Band

ACPF-7003 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPF-7003 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPF-7003
Download  ACPF-7003 Click to download

File Size   579.5 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Rx and Image Rejection Tx Filter for US PCS Band

ACPF-7003 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPF-7003 Product details

General Description
The ACPF-7003 is a high rejection full band transmit flter designed for USPCS handsets.Its performance rivals split band surface acoustic wave (SAW) transmit filters. Since a single filter provides the rejection, no switches are required, saving board space and external components, eliminating switch loss, and reducing programming complexity. Furthermore, with 25dB rejection at 1830 MHz, it is a true split band replacement.

Features
•  High rejection from a single flter with no switches required
•  True split band replacement
•  Passband: 1850-1910 MHz
•  35 dB min Attenuation, 1930-1990 MHz
•  2.5 dB Typical Insertion Loss
•  25dB image rejection at 1830 MHz
•  Space saving solution
  - Small footprint: 1.6 x 2.0-mm solution
  - Low profle package: 0.9 mm high (Typ)
  - 1.0mm (Max)

Applications
•  US PCS band handsets
•  Wireless Data terminals




Similar Part No. - ACPF-7003

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7001 AVAGO-ACPF-7001 Datasheet
377Kb / 6P
High Rejection Tx Filter for US PCS Band
logo
Agilent(Hewlett-Packard...
ACPF-7001 HP-ACPF-7001 Datasheet
644Kb / 7P
High Rejection Tx Filter for US PCS Band
ACPF-7001-BLK HP-ACPF-7001-BLK Datasheet
644Kb / 7P
High Rejection Tx Filter for US PCS Band
ACPF-7001-TR1 HP-ACPF-7001-TR1 Datasheet
644Kb / 7P
High Rejection Tx Filter for US PCS Band
ACPF-7002 HP-ACPF-7002 Datasheet
316Kb / 8P
High Rejection Tx Filter for US PCS Band
More results


Similar Description - ACPF-7003

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
NWT190 INFINEON-NWT190 Datasheet
139Kb / 7P
CDMA TX Full Band BAW-filter for US PCS
V2.2 26.Nov.2003
logo
Agilent(Hewlett-Packard...
ACPF-7002 HP-ACPF-7002 Datasheet
316Kb / 8P
High Rejection Tx Filter for US PCS Band
logo
OKI electronic componet...
MBF9402B OKI-MBF9402B Datasheet
37Kb / 5P
SAW Band Pass Filter for US-PCS
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7001 AVAGO-ACPF-7001 Datasheet
377Kb / 6P
High Rejection Tx Filter for US PCS Band
logo
Oscilent Corporation
802-RF1880.0M-A OSCILENT-802-RF1880.0M-A Datasheet
379Kb / 3P
US-PCS, RF-Tx SAW Filter
861-RF1960.0M-B OSCILENT-861-RF1960.0M-B Datasheet
401Kb / 3P
US-PCS Rx, Balanced RF SAW Filter
logo
Agilent(Hewlett-Packard...
ACPF-7001 HP-ACPF-7001 Datasheet
644Kb / 7P
High Rejection Tx Filter for US PCS Band
logo
Transko Electronics, In...
TA1880AM TRANSKO-TA1880AM Datasheet
403Kb / 4P
US-PCS, RF-Tx SAW Filter
Revision 0:
TA1960AM TRANSKO-TA1960AM Datasheet
398Kb / 4P
US-PCS, RF-Rx SAW Filter
Revision 0:
TA1960JM TRANSKO-TA1960JM Datasheet
478Kb / 4P
US-PCS, RF-Rx SAW Filter
Revision 0: August 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com