Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPF-7003 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPF-7003
Description  High Rx and Image Rejection Tx Filter for US PCS Band
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPF-7003 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPF-7003 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPF-7003 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPF-7003 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPF-7003 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPF-7003 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPF-7003 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPF-7003 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPF-7003 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image

Absolute Maximum Ratings[2]
Notes:
1. TemperatureisdefinedatcaseTC,thetemperatureoftheundersideofthefilterwhereitmakescontactwiththecircuitboard.
2. Specificationsareguaranteedoverthegiventemperaturerange.Operationinexcessofanyoneoftheseconditionsmayresultinpermanent
damagetothedevice.
Parameter
Unit
Value
Operatingtemperature[1]
°C
-30to+85
Storagetemperature[1]
°C
-40to+125
Electrical Specifications, Zo=50 Ω
Symbol
Parameters
Units
+25° C
-30° to +85° C
Min
Typ
Max
Min
Typ
Max
f
Passband[1850.6-1909.4]
MHz
IL
InsertionLoss1850.6-1855
MHz
dB
2.0
3.5
3.5
IL
InsertionLoss1855-1905MHz dB
1.5
2.5
2.5
IL
InsertionLoss1905-1909.4
MHz
dB
2.5
3.0
3.0
DS21
Ripple,1850-1910MHz
dB
2.5
S21
MinRejection,1930.6-1990
MHz
dB
35
45
35
45
S21
MinRejection10-1715MHz
dB
25
25
S21
MinRejection1715-1785
MHz
dB
25
25
S21
MinRejection1785-1830
MHz
dB
25
25
S21
MinRejection1990-2500
MHz
dB
30
30
S21
MinRejection2500-3820
MHz
dB
22
22
S21
MinRejection3820-5730
MHz
dB
15
15
S11,S22
In-bandreturnloss
dB
10
13
10
13
Pinmax
SafeInputPowerLevel
dBm
20
20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com