Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT018W65G3-4AG Datasheet (PDF) - STMicroelectronics

SCT018W65G3-4AG Datasheet PDF - STMicroelectronics
Part # SCT018W65G3-4AG
Download  SCT018W65G3-4AG Download
File Size   506.41 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade silicon carbide Power MOSFET 650 V, 20 mΩ typ., 55 A in an HiP247-4 package

SCT018W65G3-4AG Datasheet (PDF)

Go To PDF Page Download Datasheet
SCT018W65G3-4AG Datasheet PDF - STMicroelectronics

Part # SCT018W65G3-4AG
Download  SCT018W65G3-4AG Click to download

File Size   506.41 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade silicon carbide Power MOSFET 650 V, 20 mΩ typ., 55 A in an HiP247-4 package

SCT018W65G3-4AG Datasheet (HTML) - STMicroelectronics


SCT018W65G3-4AG Product details

Features
• AEC-Q101 qualified
• Very low RDS(on) over the entire temperature range
• High speed switching performances
• Very fast and robust intrinsic body diode
• Very high operating junction temperature capability (TJ = 200 °C)
• Source sensing pin for increased efficiency

Applications
• Main inverter (electric traction)
• DC/DC converter for EV/HEV
• On board charger (OBC)




Similar Part No. - SCT018W65G3-4AG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SCT018W65G3-4AG ISC-SCT018W65G3-4AG Datasheet
340Kb / 3P
SiC N-Channel MOSFET
More results


Similar Description - SCT018W65G3-4AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCTH35N65G2V-7AG STMICROELECTRONICS-SCTH35N65G2V-7AG Datasheet
620Kb / 15P
Automotive-grade silicon carbide Power MOSFET, 650 V, 45 A,55 mΩ (typ., TJ = 25 °C) in an H2PAK-7 package
24-Jan-2020
SCTW100N65G2AG STMICROELECTRONICS-SCTW100N65G2AG Datasheet
423Kb / 11P
Automotive-grade silicon carbide Power MOSFET 650 V, 100 A,20 mΩ (typ., TJ=25 °C), in an HiP247™ package
21-Nov-2018
SCTW35N65G2VAG STMICROELECTRONICS-SCTW35N65G2VAG Datasheet
206Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 45 A, 55 mΩ (typ., TJ = 25 °C) in an HiP247 package
09-Sep-2020
SCTW60N120G2AG STMICROELECTRONICS-SCTW60N120G2AG Datasheet
197Kb / 11P
Automotive-grade silicon carbide Power MOSFET 1200 V, 52 A, 45 mΩ (typ., TJ = 25 °C) in an HiP247 package
18-May-2020
SCTWA35N65G2VAG STMICROELECTRONICS-SCTWA35N65G2VAG Datasheet
243Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 45 A, 55 mΩ (typ., TJ = 25 °C) in an HiP247 long leads package
11-Aug-2020
SCTWA40N120G2AG STMICROELECTRONICS-SCTWA40N120G2AG Datasheet
257Kb / 12P
Automotive‑grade silicon carbide Power MOSFET 1200 V, 75 mΩ typ., 33 A in an HiP247 long leads package
22-Nov-2021
SCTWA60N120G2AG STMICROELECTRONICS-SCTWA60N120G2AG Datasheet
242Kb / 12P
Automotive-grade silicon carbide Power MOSFET 1200 V, 45 mΩ typ., 52 A in an HiP247 long leads package
16-Dec-2020
SCT018H65G3AG STMICROELECTRONICS-SCT018H65G3AG Datasheet
390Kb / 14P
Automotive-grade silicon carbide Power MOSFET 650 V, 20 mΩ typ., 55 A in an H²PAK-7 package
07-Oct-2022
SCT10N120AG STMICROELECTRONICS-SCT10N120AG Datasheet
238Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 12 A, 520 mΩ (typ., TJ = 150 °C) in an HiP247 package
21-Sep-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com