Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFZ48RLPBF Datasheet (PDF) - International Rectifier

IRFZ48RLPBF Datasheet PDF - International Rectifier
Part # IRFZ48RLPBF
Download  IRFZ48RLPBF Download
File Size   255.82 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )

IRFZ48RLPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFZ48RLPBF Datasheet PDF - International Rectifier

Part # IRFZ48RLPBF
Download  IRFZ48RLPBF Click to download

File Size   255.82 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )

IRFZ48RLPBF Datasheet (HTML) - International Rectifier


IRFZ48RLPBF Product details

Description
Advanced HEXFET® Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low onresistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application.

● Advanced Process Technology
● Dynamic dv/dt Rating
● 175°C Operating Temperature
● Fast Switching
● Fully Avalanche Rated
● Drop in Replacement of the IRFZ48
   for Linear/Audio Applications
● Lead-Free




Similar Part No. - IRFZ48RLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFZ48RLPBF VISHAY-IRFZ48RLPBF Datasheet
961Kb / 8P
Power MOSFET
22-Jul-08
IRFZ48RLPBF VISHAY-IRFZ48RLPBF Datasheet
208Kb / 9P
Power MOSFET
30-May-11
More results


Similar Description - IRFZ48RLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRCZ44 IRF-IRCZ44 Datasheet
132Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
IRL640PBF IRF-IRL640PBF Datasheet
930Kb / 8P
HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.18廓 , ID = 17A )
IRFP3710PBF IRF-IRFP3710PBF Datasheet
233Kb / 9P
HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025廓 , ID = 57A )
IRFD9110PBF IRF-IRFD9110PBF Datasheet
1Mb / 8P
HEXFET POWER MOSFET ( VDSS = -100V , RDS(on) = 1.2廓 , ID = -0.70A )
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRFR420PBF IRF-IRFR420PBF Datasheet
857Kb / 10P
HEXFET POWER MOSFET ( VDSS = 500V , RDS(on) = 3.0廓 , ID = 2.4A )
IRFR9024PBF IRF-IRFR9024PBF Datasheet
1Mb / 10P
HEXFET POWER MOSFET ( VDSS = -60V , RDS(on) = 0.28廓 , ID = -8.8A )
IRF9Z14PBF IRF-IRF9Z14PBF Datasheet
257Kb / 8P
HEXFET Power MOSFET ( VDSS = -60V , RDS(on) = 0.50廓 , ID = -6.7A )
IRFZ48PBF IRF-IRFZ48PBF Datasheet
3Mb / 7P
HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
IRFR9210PBF IRF-IRFR9210PBF Datasheet
1Mb / 10P
HEXFET POWER MOSFET ( VDSS = -200V , RDS(on) = 3.0廓 , ID = -1.9A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com