Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1047441 Datasheet (PDF) - PHOENIX CONTACT

1047441 Datasheet PDF - PHOENIX CONTACT
Part # 1047441
Download  1047441 Download
File Size   261.89 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTFIX 4/18X1,5-G-FE - Distribution block

1047441 Datasheet (PDF)

Go To PDF Page Download Datasheet
1047441 Datasheet PDF - PHOENIX CONTACT

Part # 1047441
Download  1047441 Click to download

File Size   261.89 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTFIX 4/18X1,5-G-FE - Distribution block

1047441 Datasheet (HTML) - PHOENIX CONTACT


1047441 Product details

Distribution block, bridged internally, nom. voltage: 450 V, nominal current: 17.5 A, number of
connections: 19, Load contact, cross section: 0.14 mm2 - 2.5 mm2, Push-in connection, Line
contact, Rated cross section: 4 mm2, cross section: 0.2 mm2 - 6 mm2, mounting type: adhesive,
color: black/yellow

Your advantages
• Space-saving, thanks to the compact design
• Flexible use, thanks to DIN rail and direct mounting
• Space-saving potential distribution, thanks to compact micro potential distributors
• Convenient test options, thanks to test openings at every terminal point
• Clear arrangement thanks to marking of all terminal points




Similar Part No. - 1047441

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047442 PHOENIX-1047442 Datasheet
136Kb / 11P
Distribution block - PTFIX 4/18X1,5-NS15A GY
09/12/2020
1047443 PHOENIX-1047443 Datasheet
441Kb / 20P
Distribution block - PTFIX 4/18X1,5-NS15A BU
Jul 21, 2022
1047444 PHOENIX-1047444 Datasheet
443Kb / 21P
Distribution block - PTFIX 4/18X1,5-NS15A RD
Jul 6, 2022
1047445 PHOENIX-1047445 Datasheet
442Kb / 21P
Distribution block - PTFIX 4/18X1,5-NS15A BN
Jul 6, 2022
1047446 PHOENIX-1047446 Datasheet
136Kb / 11P
Distribution block - PTFIX 4/18X1,5-NS15A GN
09/12/2020
More results


Similar Description - 1047441

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047430 PHOENIX-1047430 Datasheet
439Kb / 20P
Distribution block - PTFIX 4/18X1,5-G GY
Jun 13, 2022
1047431 PHOENIX-1047431 Datasheet
440Kb / 20P
Distribution block - PTFIX 4/18X1,5-G BU
Jun 22, 2022
1047465 PHOENIX-1047465 Datasheet
448Kb / 20P
Distribution block - PTFIX 4/18X1,5-NS35-FE
Jul 6, 2022
3002983 PHOENIX-3002983 Datasheet
449Kb / 20P
Distribution block - PTFIX 18X1,5-NS15A-FE
Jul 6, 2022
3002797 PHOENIX-3002797 Datasheet
512Kb / 21P
Distribution block - PTFIX 18X1,5-FE
Jul 6, 2022
1047429 PHOENIX-1047429 Datasheet
512Kb / 21P
Distribution block - PTFIX 4/18X1,5-FE
Jul 21, 2022
1047435 PHOENIX-1047435 Datasheet
440Kb / 19P
Distribution block - PTFIX 4/18X1,5-G YE
Jul 21, 2022
3002909 PHOENIX-3002909 Datasheet
452Kb / 18P
Distribution block - PTFIX 18X1,5-G-FE
Jul 21, 2022
1046960 PHOENIX-1046960 Datasheet
444Kb / 19P
Distribution block - PTFIX 18X1,5-NS35-FE
Nov 30, 2022
1047439 PHOENIX-1047439 Datasheet
440Kb / 19P
Distribution block - PTFIX 4/18X1,5-G OG
Nov 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com