Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9009DQU Datasheet (PDF) - Infineon Technologies AG

TLE9009DQU Datasheet PDF - Infineon Technologies AG
Part # TLE9009DQU
Download  TLE9009DQU Download
File Size   1225.58 Kbytes
Page   73 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Li-ion battery monitoring and balancing IC

TLE9009DQU Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE9009DQU Datasheet PDF - Infineon Technologies AG

Part # TLE9009DQU
Download  TLE9009DQU Click to download

File Size   1225.58 Kbytes
Page   73 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Li-ion battery monitoring and balancing IC

TLE9009DQU Datasheet (HTML) - Infineon Technologies AG


TLE9009DQU Product details

Features
• Voltage monitoring of up to 9 battery cells connected in series
• Hot plugging support
• Dedicated 16-bit high precision delta-sigma ADC for each cell with
selectable measurement mode
• High-accuracy measurement with typical ±0.2 mV initial accuracy at
ambient temperature with a typical lifetime adder of 1 LSB after 10 years of
usage
• Integrated stress sensor with digital compensation algorithm and
temperature-compensated measurements
• Secondary ADC with identical averaging filter characteristics as advanced
end-to-end safety mechanism
• Five temperature measurement channels for external NTC elements
• Two internal temperature sensors
• Integrated balancing switch allows up to 200 mA balancing current
• Differential robust serial 2 Mbit/s communication interface with up to 38
devices
• Additional four GPIO pins to e.g. connect an external EEPROM and PWM
driver
• Internal round robin cycle routine triggers majority of diagnostics
mechanisms
- Automatic balancing overcurrent and undercurrent detection
- Automatic open load and open wire detection
- Automatic NTC measurement unit monitoring
• End-to-end CRC secured iso UART/UART communication
• Wake from bus capability (EMM)
• ISO 26262 Safety Element out of Context for safety requirements up to
ASIL D
• Green Product (RoHS compliant)




Similar Part No. - TLE9009DQU

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9012AQU INFINEON-TLE9012AQU Datasheet
404Kb / 6P
Li-Ion Battery Monitoring and Balancing IC
2020-05-20
TLE9012DQU INFINEON-TLE9012DQU Datasheet
1Mb / 76P
Li-ion battery monitoring and balancing IC
Rev. 1.0 2022-01-24
TLE9015DQU INFINEON-TLE9015DQU Datasheet
967Kb / 26P
iso UART transceiver IC
Rev. 1.0 2022-01-24
TLE9015QU INFINEON-TLE9015QU Datasheet
277Kb / 5P
BMS Transceiver IC - UART toiso UART
2020-05-20
logo
Allen-Bradley
TLE903 ALLEN-BRADLEY-TLE903 Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
More results


Similar Description - TLE9009DQU

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3836 FUJITSU-MB3836 Datasheet
256Kb / 28P
Li-Ion Battery Protection IC
logo
ATMEL Corporation
ATA6870 ATMEL-ATA6870 Datasheet
2Mb / 55P
Li-Ion, NiMH Battery Measuring, Charge Balancing and Power-supply Circuit
ATA6871 ATMEL-ATA6871 Datasheet
811Kb / 23P
Li-ion Battery Management Monitoring Emergency and Backup Circuit
logo
Analog Devices
AD7280A AD-AD7280A Datasheet
870Kb / 48P
Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
logo
ATMEL Corporation
ATA6870N ATMEL-ATA6870N_14 Datasheet
1Mb / 50P
Li-Ion, NiMH Battery Measuring, Charge Balancing and Power-supply Circuit
logo
Unisonic Technologies
UB244A UTC-UB244A_15 Datasheet
179Kb / 11P
LI-ION BATTERY PROTECTION IC
logo
Shenzhen Huazhimei Semi...
HM5434 HMSEMI-HM5434 Datasheet
1Mb / 11P
One Cell Li-ion and Li-poly Battery Protection IC
logo
Infineon Technologies A...
TLE9012AQU INFINEON-TLE9012AQU Datasheet
404Kb / 6P
Li-Ion Battery Monitoring and Balancing IC
2020-05-20
logo
STMicroelectronics
L9963E STMICROELECTRONICS-L9963E Datasheet
9Mb / 184P
Automotive Multicell battery monitoring and balancing IC
Rev 4 - June 2021
logo
Infineon Technologies A...
TLE9012DQU INFINEON-TLE9012DQU Datasheet
1Mb / 76P
Li-ion battery monitoring and balancing IC
Rev. 1.0 2022-01-24
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com