Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280A Datasheet (PDF) - Analog Devices

AD7280A Datasheet PDF - Analog Devices
Part # AD7280A
Download  AD7280A Download
File Size   870.66 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Lithium Ion Battery Monitoring System Cell balancing interface

AD7280A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7280A Datasheet PDF - Analog Devices

Part # AD7280A
Download  AD7280A Click to download

File Size   870.66 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Lithium Ion Battery Monitoring System Cell balancing interface

AD7280A Datasheet (HTML) - Analog Devices


AD7280A Product details

GENERAL DESCRIPTION
The AD7280A1 contains all the functions required for general-purpose monitoring of stacked lithium ion batteries as used in hybrid electric vehicles, battery backup applications, and power tools. The part has multiplexed cell voltage and auxiliary ADC measurement channels for up to six cells of battery management. An internal ±3 ppm/°C reference is provided that allows a cell voltage accuracy of ±1.6 mV. The ADC resolution is 12 bits and allows conversion of up to 48 cells within 7 μs.

FEATURES
   12-bit ADC, 1 μs per channel conversion time
   6 analog input channels, common-mode
      range 0.5 V to 27.5 V
   6 auxiliary ADC inputs
   ±1.6 mV cell voltage accuracy
   On-chip voltage regulator
   Cell balancing interface
   Daisy-chain interface
   Internal reference: ±3 ppm/oC
   1.8 μA power-down current
   High input impedance
   Serial interface with alert function
   1 SPI interface for up to 48 channels
   CRC protection on read and write commands
   On-chip registers for channel sequencing
   VDD operating range: 8 V to 30 V
   Temperature range: −40°C to +105°C
   48-lead LQFP
   Qualified for automotive applications
  
APPLICATIONS
   Lithium ion battery monitoring
   Electric and hybrid electric vehicles
   Power supply backup
   Power tools




Similar Part No. - AD7280A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7280 AD-AD7280 Datasheet
331Kb / 33P
Lithium Ion Battery Monitoring System
Rev. PrD
More results


Similar Description - AD7280A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7280 AD-AD7280 Datasheet
331Kb / 33P
Lithium Ion Battery Monitoring System
Rev. PrD
logo
Unisonic Technologies
UB2421 UTC-UB2421_15 Datasheet
232Kb / 11P
ONE CELL LITHIUM-ION POLYMER BATTERY
logo
Aeroflex Circuit Techno...
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
logo
SHOUDING Shouding Semic...
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
single-cell lithium-ion battery charger
logo
Infineon Technologies A...
TLE9012AQU INFINEON-TLE9012AQU Datasheet
404Kb / 6P
Li-Ion Battery Monitoring and Balancing IC
2020-05-20
logo
Shenzhen Huazhimei Semi...
HM5054A HMSEMI-HM5054A Datasheet
1Mb / 11P
Single-cell lithium-ion battery
HM5055A HMSEMI-HM5055A Datasheet
2Mb / 11P
Single-cell lithium-ion battery
logo
Infineon Technologies A...
TLE9012DQU INFINEON-TLE9012DQU Datasheet
1Mb / 76P
Li-ion battery monitoring and balancing IC
Rev. 1.0 2022-01-24
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com