Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280 Datasheet (PDF) - Analog Devices

AD7280 Datasheet PDF - Analog Devices
Part # AD7280
Download  AD7280 Download
File Size   331.56 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Lithium Ion Battery Monitoring System

AD7280 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7280 Datasheet PDF - Analog Devices

Part # AD7280
Download  AD7280 Click to download

File Size   331.56 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Lithium Ion Battery Monitoring System

AD7280 Datasheet (HTML) - Analog Devices


AD7280 Product details

GENERAL DESCRIPTION
The AD72801 contains all the functions required for general purpose monitoring of stacked Lithium Ion batteries as used in Hybrid Electric Vehicles. The part has multiplexed analog input and temperature measurement channels for up to six cells of battery management. An internal 3-ppm reference is provided to drive the ADC. The ADC resolution is 12 bits with a 1 Msps throughput rate offering a 1µs conversion time.

FEATURES
   12-bit ADC, 1us per channel conversion time
   6 Analog Input Channels, CM range 0.5V to 27.5V
   6 Temperature Measurements Inputs.
   On Chip Voltage Regulator
   Cell Balancing Interface
   Daisy Chain Interface
   3 ppm Reference
   Low Quiescent Current
   High Input Impedance
   Serial Interface with Alert Function
   1 SPI interface for up to 300 channels
   On Chip Registers for Channel Sequencing
   VDD Operating Range 7.5V to 30V
   Temperature Range -40 oC to 105oC
   48 lead LQFP and LFCSP Packages
  
APPLICATIONS
   Lithium Ion Battery Monitoring
   Nickel Metal Hydride Battery Monitoring




Similar Part No. - AD7280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7280A AD-AD7280A Datasheet
870Kb / 48P
Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
AD7280ABSTZ AD-AD7280ABSTZ Datasheet
870Kb / 48P
Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
AD7280ABSTZ-RL AD-AD7280ABSTZ-RL Datasheet
870Kb / 48P
Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
AD7280AWBSTZ AD-AD7280AWBSTZ Datasheet
870Kb / 48P
Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
AD7280AWBSTZ-RL AD-AD7280AWBSTZ-RL Datasheet
870Kb / 48P
Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
More results


Similar Description - AD7280

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
Lithium-Ion Battery Protector
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
Lithium-Ion Battery Charger
REV.A
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
logo
Toshiba Semiconductor
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
Lithium Ion Battery Applications
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
Lithium Ion Battery Applications
TPCS8213 TOSHIBA-TPCS8213 Datasheet
208Kb / 7P
Lithium Ion Battery Applications
logo
Transcend Information. ...
TS-BL22MA TRANSCEND-TS-BL22MA Datasheet
203Kb / 3P
2200mAh Lithium Ion Battery
logo
Analog Devices
AD7280A AD-AD7280A Datasheet
870Kb / 48P
Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
Lithium ion battery
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
Lithium-ion Battery
1.1
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com