Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7280
Description  Lithium Ion Battery Monitoring System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 2 Page - Analog Devices

  AD7280 Datasheet HTML 1Page - Analog Devices AD7280 Datasheet HTML 2Page - Analog Devices AD7280 Datasheet HTML 3Page - Analog Devices AD7280 Datasheet HTML 4Page - Analog Devices AD7280 Datasheet HTML 5Page - Analog Devices AD7280 Datasheet HTML 6Page - Analog Devices AD7280 Datasheet HTML 7Page - Analog Devices AD7280 Datasheet HTML 8Page - Analog Devices AD7280 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
AD7280
Preliminary Technical Data
Rev. PrD | Page 2 of 33
SPECIFICATIONS
VDD = 7.5 V to 30 V, VSS = 0 V, DVCC = AVCC = VREG, VDRIVE = 2.7 V to 5.25 V, TA = -40oC to 105oC, unless otherwise noted
Table 1.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
DC ACCURACY [Vin(0) to Vin(6)]2
Resolution
12
Bits
No Missing Codes
Integral Nonlinearity
±1
LSB
Differential Nonlinearity
±1
LSB
Offset Error
1
LSB
Offset Error Drift
3
ppm/oC
Offset Error Match
1
LSB
Gain Error
1
LSB
Gain Error Drift
2
ppm/oC
Gain Error Match
1
LSB
ADC Unadjusted Error3
0.05
0.1
%
-40oC to 85oC
0.08
0.3
%
-40oC to 105oC
Total Unadjusted Error4
0.07
0.2
%
-40oC to 85oC
0.1
0.5
%
-40oC to 105oC
ANALOG INPUTS [Vin(0) to
Vin(6)]
Pseudo Differential Input
Voltage
Vin(n) – Vin(n-1)
1V
2VREF
V
Absolute Input Voltage
VCM - VREF
VCM +
VREF
V
Common Mode Input Voltage
0.5
27.5
V
DC Leakage Current
±70
nA
CNVST pulse every 100ms
Input Capacitance
15
pF
When in track
3
pF
When in hold
DC ACCURACY [VT1 to VT6]2
Resolution
12
Bits
No Missing Codes
Integral Nonlinearity
±1
LSB
Differential Nonlinearity
±1
LSB
Offset Error
2
LSB
Offset Error Drift
2
ppm/oC
Offset Error Match
2
LSB
Gain Error
2
LSB
Gain Error Drift
1.2
ppm/oC
Gain Error Match
2
LSB
ADC Unadjusted Error5
0.1
0.2
%
-40oC to 85oC
0.16
0.6
%
-40oC to 105oC
Total Unadjusted Error6
0.15
0.4
%
-40oC to 85oC
0.2
1
%
-40oC to 105oC
ANALOG INPUTS (VT1 to VT6)
Input Voltage Range
0
2VREF
V
Leakage Current
±70
nA
CNVST pulse every 100ms
Input Capacitance
15
pF
When in track
3
pF
When in hold
DYNAMIC PERFORMANCE
Common Mode Rejection Ratio
[CMRR]
-75
dB
Up to 10kHz ripple frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com