Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7280
Description  Lithium Ion Battery Monitoring System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7280 Datasheet HTML 17Page - Analog Devices AD7280 Datasheet HTML 18Page - Analog Devices AD7280 Datasheet HTML 19Page - Analog Devices AD7280 Datasheet HTML 20Page - Analog Devices AD7280 Datasheet HTML 21Page - Analog Devices AD7280 Datasheet HTML 22Page - Analog Devices AD7280 Datasheet HTML 23Page - Analog Devices AD7280 Datasheet HTML 24Page - Analog Devices AD7280 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Preliminary Technical Data
AD7280
Rev. PrD | Page 21 of 33
REGISTER MAP
Table 9.
Register Name
Register
Address
Register
Data
Read/Write
Register
CELL VOLTAGE 1
0h
D11 to D0
Read Only
CELL VOLTAGE 2
1h
D11 to D0
Read Only
CELL VOLTAGE 3
2h
D11 to D0
Read Only
CELL VOLTAGE 4
3h
D11 to D0
Read Only
CELL VOLTAGE 5
4h
D11 to D0
Read Only
CELL VOLTAGE 6
5h
D11 to D0
Read Only
CELL TEMP 1
6h
D11 to D0
Read Only
CELL TEMP 2
7h
D11 to D0
Read Only
CELL TEMP 3
8h
D11 to D0
Read Only
CELL TEMP 4
9h
D11 to D0
Read Only
CELL TEMP 5
Ah
D11 to D0
Read Only
CELL TEMP 6
Bh
D11 to D0
Read Only
SELF TEST
Ch
D11 to D0
Read Only
CONTROL
Dh
Eh
D15 to D8
D7 to D0
Read/Write
Read/Write
OVER VOLTAGE
Fh
D7 to D0
Read/Write
UNDER VOLTAGE
10h
D7 to D0
Read/Write
OVER TEMP
11h
D7 to D0
Read/Write
UNDER TEMP
12h
D7 to D0
Read/Write
ALERT
13h
D7 to D0
Read/Write
CELL BALANCE
14h
D7 to D0
Read/Write
CB TIMER 1
15h
D7 to D0
Read/Write
CB TIMER 2
16h
D7 to D0
Read/Write
CB TIMER 3
17h
D7 to D0
Read/Write
CB TIMER 4
18h
D7 to D0
Read/Write
CB TIMER 5
19h
D7 to D0
Read/Write
CB TIMER 6
1Ah
D7 to D0
Read/Write
PD TIMER
1Bh
D7 to D0
Read/Write
READ
1Ch
D7 to D0
Read/Write
CELL VOLTAGE REGISTERS
Table 10. 12-Bit Registers
0h to 5h
D11 to D0
Read/Write
The CELL VOLTAGE registers store the conversion result from
each cell input. The conversion result is in 12-bit natural binary
format.
CELL TEMPERATURE REGISTERS
Table 11. 12-Bit Register
6h to Bh
D11 to D0
Read/Write
The CELL TEMP registers store the conversion result from each
temperature input. The conversion result is in 12-bit natural
binary format.
SELF-TEST REGISTER
Table 12. 12-Bit Register
Ch
D11 to D0
Read/Write
The SELF-TEST register stores the conversion result of the
ADC self-test. A self-test conversion is initiated by setting bits
D15 and D14 of the CONTROL register to 11. The user should
then pulse the CNVST input or complete a software convert
start through the CS input. The conversion result is in 12-bit
natural binary format.
CONTROL REGISTER
Table 13. 16-Bit Register
Dh
D15 to D8
Read/Write
Eh
D7 to D0
Read/Write
The CONTROL register is an 16-bit register that sets the
AD7280 Control modes.
Table 14. 16-Bit Register
D15 to D14
Select Conversion Inputs
00 = 6 Voltage & 6 Temp
01 = 6 Voltage & Temp 1,3 &5
10 = 6 Voltage only
11 = ADC Self Test
D13 to D12
Read Conversion Results
00 = 6 Voltage & 6 Temp
01 = 6 Voltage & Temp 1,3 &5
10 = 6 Voltage only
11 = No Read operation
D11
Conversion Start Format
0 = Falling edge of CNVST input
1 = Rising edge of CS
D10 to D9
Conversion Averaging
00 = Single Conversion only
01 = Average by 2
10 = Average by 4
11 = Average by 8
D8
Powerdown format
0 = Falling edge of PD input
1 = Software PD
D7
Software Reset
0 = Bring out of Reset
1= Reset AD7280
D6 to D5
Set Acquisition Tme
00 = Acquisition time 400ns
01 = Acquisition time 800ns
10 = Acquisition time 1.2us
11 = Acquisition time 1.6us
D4
Reserved; set to 1
D3
Thermistor Termination Resistor
0 = Function not in use
1 = Termination resistor connected
D2 to D0
Reserved; set to 1
Select Conversion Inputs
Bits D15 and D14 of the CONTROL register determine which
cell voltages and temperatures are converted following a
CNVST pulse or the setting of the CNVST bit, D11, in the
CONTROL register. The default value of D15 and D14 on
power up are 00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com