Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWD-0625H-06-SB Datasheet (PDF) - Eravant

SWD-0625H-06-SB Datasheet PDF - Eravant
Part # SWD-0625H-06-SB
Download  SWD-0625H-06-SB Download
File Size   301.94 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description D-Band Waveguide Directional Coupler, 6 dB

SWD-0625H-06-SB Datasheet (PDF)

Go To PDF Page Download Datasheet
SWD-0625H-06-SB Datasheet PDF - Eravant

Part # SWD-0625H-06-SB
Download  SWD-0625H-06-SB Click to download

File Size   301.94 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description D-Band Waveguide Directional Coupler, 6 dB

SWD-0625H-06-SB Datasheet (HTML) - Eravant


SWD-0625H-06-SB Product details

Description:
Model SWD-0625H-06-SB is a D band, three-port waveguide directional coupler that delivers a 6 dB nominal coupling level and 25 dB typical directivity across the full waveguide band from 110 to 170 GHz. The three-port coupler uses a traditional multi-hole and split block design to achieve a flat coupling level, high directivity, and low insertion loss. The interfaces of the coupler are WR-06 waveguides with UG-387/U-M anti-cocking flanges. Custom coupling levels are available under different model numbers.
Features:
• Full Band Operation
• Low Insertion Loss
• High Directivity
Applications:
• Test Labs
• Instrumentation
• Sub-assemblies




Similar Part No. - SWD-0625H-06-SB

ManufacturerPart #DatasheetDescription
logo
Eravant
SWD-0630H-08-BB ERAVANT-SWD-0630H-08-BB Datasheet
236Kb / 2P
F-Band Waveguide Bi-Directional Coupler, 6 dB
SWD-0630H-08-SB ERAVANT-SWD-0630H-08-SB Datasheet
255Kb / 2P
F-Band Waveguide Directional Coupler, 6 dB
Rev 1.1
SWD-0640H-06-BB ERAVANT-SWD-0640H-06-BB Datasheet
269Kb / 2P
D-Band Waveguide Bi-Directional Coupler, 6 dB
Rev 1.2
SWD-0640H-10-BB ERAVANT-SWD-0640H-10-BB Datasheet
354Kb / 3P
W-Band Waveguide Bi-Directional Coupler, 6 dB
Rev. 1.2
SWD-0640H-10-SB ERAVANT-SWD-0640H-10-SB Datasheet
289Kb / 3P
W-Band Waveguide Directional Coupler, 6 dB
Rev. 1.1
More results


Similar Description - SWD-0625H-06-SB

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
C756-7 APITECH-C756-7 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C755-7 APITECH-C755-7 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C754-6 APITECH-C754-6 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C753E-10 APITECH-C753E-10 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C753-30 APITECH-C753-30 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C753-20 APITECH-C753-20 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C753-10 APITECH-C753-10 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C752E-30 APITECH-C752E-30 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C752E-6 APITECH-C752E-6 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C751-30 APITECH-C751-30 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com