Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9984A Datasheet (PDF) - Analog Devices

AD9984A Datasheet PDF - Analog Devices
Part # AD9984A
Download  AD9984A Download
File Size   844.99 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance 10-Bit Display Interface

AD9984A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9984A Datasheet PDF - Analog Devices

Part # AD9984A
Download  AD9984A Click to download

File Size   844.99 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance 10-Bit Display Interface

AD9984A Datasheet (HTML) - Analog Devices


AD9984A Product details

GENERAL DESCRIPTION
The AD9984A is a complete 10-bit, 170 MSPS, monolithic analog interface optimized for capturing YPbPr video and RGB graphics signals. Its 170 MSPS encode rate capability and full power analog bandwidth of 300 MHz support all HDTV video modes up to 1080p, as well as graphics resolutions up to UXGA (1600 × 1200 at 60 Hz).

FEATURES
   10-bit, analog-to-digital converters
   170 MSPS maximum conversion rate
   Low PLL clock jitter at 170 MSPS
   Automatic gain matching
   Automated offset adjustment
   2:1 input mux
   Power-down via dedicated pin or serial register
   4:4:4, 4:2:2, and DDR output format modes
   Variable output drive strength
   Odd/even field detection
   External clock input
   Regenerated Hsync output
   Programmable output high impedance control
   Hsyncs per Vsync counter
   Sync-on-green (SOG) pulse filter
   Pb-free package

APPLICATIONS
   Advanced TVs
   Plasma display panels
   LCDTV
   HDTV
   RGB graphics processing
   LCD monitors and projectors
   Scan converters




Similar Part No. - AD9984A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9984A AD-AD9984A_15 Datasheet
845Kb / 44P
High Performance 10-Bit Display Interface
REV. 0
More results


Similar Description - AD9984A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9980 AD-AD9980 Datasheet
967Kb / 44P
High Performance 8-Bit Display Interface
1/05-Revision 0
AD9981 AD-AD9981 Datasheet
972Kb / 44P
High Performance 10-Bit Display Interface
1/05-Revision 0
AD9983A AD-AD9983A Datasheet
784Kb / 44P
High Performance 8-Bit Display Interface
logo
Microchip Technology
PIC18CXX2 MICROCHIP-PIC18CXX2_01 Datasheet
4Mb / 305P
High Performance Microcontrollers with 10-bit A/D
2001
PIC18CXX2 MICROCHIP-PIC18CXX2_13 Datasheet
4Mb / 304P
High Performance Microcontrollers with 10-bit A/D
11/29/12 1999-2013
logo
Analog Devices
AD9750 AD-AD9750_15 Datasheet
297Kb / 22P
10-Bit, 125 MSPS High Performance
REV. 0
AD9980 AD-AD9980_15 Datasheet
967Kb / 44P
High Performance 8-Bit Display Interface
REV. 0
AD9981 AD-AD9981_15 Datasheet
973Kb / 44P
High Performance 10-Bit Display Interface
REV. 0
AD9983A AD-AD9983A_15 Datasheet
916Kb / 44P
High Performance 8-Bit Display Interface
REV. 0
AD9984A AD-AD9984A_15 Datasheet
845Kb / 44P
High Performance 10-Bit Display Interface
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com