Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9984A Datasheet(PDF) 3 Page - Analog Devices

Part # AD9984A
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9984A Datasheet(HTML) 3 Page - Analog Devices

  AD9984A Datasheet HTML 1Page - Analog Devices AD9984A Datasheet HTML 2Page - Analog Devices AD9984A Datasheet HTML 3Page - Analog Devices AD9984A Datasheet HTML 4Page - Analog Devices AD9984A Datasheet HTML 5Page - Analog Devices AD9984A Datasheet HTML 6Page - Analog Devices AD9984A Datasheet HTML 7Page - Analog Devices AD9984A Datasheet HTML 8Page - Analog Devices AD9984A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
AD9984A
Rev. 0 | Page 3 of 44
SPECIFICATIONS
ANALOG INTERFACE CHARACTERISTICS
VD = 1.8 V, VDD = 3.3 V, PVD = 1.8 V, DAVDD = 1.8 V, ADC clock = maximum conversion rate, full temperature range = 0°C to 70°C.
Table 1. Electrical Characteristics
AD9984AKSTZ-140
AD9984AKCPZ-140
AD9984AKSTZ-170
AD9984AKCPZ-170
Parameter
Temp
Test
Level1
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Number of Bits
10
10
Bits
LSB Size
0.098
0.098
% of full scale (FS)
DC ACCURACY
Differential Nonlinearity
25°C
I
±0.6
+1.8/−1.0
±0.7
+1.9/−1.0
LSB
Full
VI
+1.9/−1.0
+2.0/−1.0
LSB
Integral Nonlinearity
25°C
I
±2.35
±7.0
±2.35
±8.5
LSB
Full
VI
±9.0
±9.0
LSB
No Missing Codes
Full
VI
GNT2
GNT2
ANALOG INPUT
Input Voltage Range
Minimum
Full
VI
0.5
0.5
V p-p
Maximum
Full
VI
1.0
1.0
V p-p
Gain Tempco
25°C
V
125
125
ppm/°C
Input Bias Current
25°C
IV
1
1
μA
Full
IV
1
1
μA
Input Full-Scale Matching
Full
VI
1
1
% FS
Offset Adjustment Range
Full
VI
50
50
% FS
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
VI
140
170
MSPS
Minimum Conversion Rate
Full
IV
10
10
MSPS
Clock to Data Skew (tSKEW)
Full
IV
−0.5
+2.0
−0.5
+2.0
ns
tBUFF
Full
VI
4.7
4.7
μs
tSTAH
Full
VI
4.0
4.0
μs
tDHO
Full
VI
0
0
μs
tDAL
Full
VI
4.7
4.7
μs
tDAH
Full
VI
4.0
4.0
μs
tDSU
Full
VI
250
250
ns
tSTASU
Full
VI
4.7
4.7
μs
tSTOSU
Full
VI
4.0
4.0
μs
Maximum PLL Clock Rate
Full
VI
140
170
MHz
Minimum PLL Clock Rate
Full
IV
10
10
MHz
Sampling Phase Tempco
Full
IV
15
15
ps/°C
DIGITAL INPUTS
Input Voltage, High (VIH)
Full
VI
1.0
1.0
V
Input Voltage, Low (VIL)
Full
VI
0.8
0.8
V
Input Current, High (IIH)
Full
V
−1.0
−1.0
μA
Input Current, Low (IIL)
Full
V
1.0
1.0
μA
Input Capacitance
25°C
V
2
2
pF
DIGITAL OUTPUTS
Output Voltage, High (VOH)
Full
VI
VDD − 0.1
VDD − 0.1
V
Output Voltage, Low (VOL)
Full
VI
0.1
0.1
V
Duty Cycle (DATACK)
Full
IV
45
50
55
45
50
55
%
Output Coding
Binary
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com