Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9984A Datasheet(PDF) 22 Page - Analog Devices

Part # AD9984A
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9984A Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9984A Datasheet HTML 18Page - Analog Devices AD9984A Datasheet HTML 19Page - Analog Devices AD9984A Datasheet HTML 20Page - Analog Devices AD9984A Datasheet HTML 21Page - Analog Devices AD9984A Datasheet HTML 22Page - Analog Devices AD9984A Datasheet HTML 23Page - Analog Devices AD9984A Datasheet HTML 24Page - Analog Devices AD9984A Datasheet HTML 25Page - Analog Devices AD9984A Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
AD9984A
Rev. 0 | Page 22 of 44
2-WIRE SERIAL CONTROL PORT
A 2-wire serial control interface is provided with the AD9984A.
Up to two AD9984A devices can be connected to the 2-wire
serial interface with each device having a unique address.
The 2-wire serial interface comprises a clock (SCL) and a bi-
directional data (SDA) pin. The analog flat panel interface acts
as a slave for receiving and transmitting data over the serial
interface. When the serial interface is not active, the logic levels
on SCL and SDA are pulled high by external pull-up resistors.
Data received or transmitted on the SDA line must be stable for
the duration of the positive-going SCL pulse. Data on SDA must
change only when SCL is low. If SDA changes state while SCL is
high, the serial interface interprets that action as a start or stop
sequence.
The following are the five components to serial bus operation:
•
Start signal
•
Slave address byte
•
Base register address byte
•
Data byte to read or write
•
Stop signal
When the serial interface is inactive (SCL and SDA are high),
communication is initiated by sending a start signal. The start
signal is a high-to-low transition on SDA while SCL is high.
This signal alerts all slaved devices that a data transfer sequence
is coming.
The first 8 bits of data transferred after a start signal comprise a
7-bit slave address (the first seven bits) and a single R/W bit
(the eighth bit). The R/W bit indicates the direction of data
transfer, read from 1 or write to 0 on the slave device. If the
transmitted slave address matches the address of the device, the
AD9984A acknowledges the match by bringing SDA low on the
ninth SCL pulse. If the addresses do not match, the AD9984A
does not acknowledge it.
Table 13. Serial Port Addresses
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
A6 (MSB)
A5
A4
A3
A2
A1
A0
1
0
0
1
1
0
0
1
0
0
1
1
0
1
DATA TRANSFER VIA SERIAL INTERFACE
For each byte of data read or written, the MSB is the first bit in
the sequence.
If the AD9984A does not acknowledge the master device during
a write sequence, the SDA remains high so the master can generate
a stop signal. If the master device does not acknowledge the
AD9984A during a read sequence, the AD9984A interprets this
as end of data. The SDA remains high so the master can generate
a stop signal.
Writing data to specific control registers of the AD9984A
requires writing to the 8-bit address of the control register of
interest after the slave address has been established. This control
register address is the base address for subsequent write operations.
After the initial data byte is written, the base address auto-
increments by one for each additional data byte. If more bytes
are transferred than available addresses, the address does not
increment and remains at its maximum value of 0x44. Any base
address higher than 0x44 does not produce an acknowledge
signal. Data is read from the control registers of the AD9984A in
a similar manner. Reading requires two data transfer operations.
•
The base address must be written with the R/W bit of the
slave address byte low to set up a sequential read operation.
Reading (the R/W bit of the slave address byte high) begins
at the previously established base address. The address of the
read register auto-increments after each byte is transferred.
•
To terminate a read/write sequence to the AD9984A, a stop
signal must be sent. A stop signal comprises a low-to-high
transition of SDA while SCL is high.
A repeated start signal occurs when the master device driving
the serial interface generates a start signal without first generating
a stop signal to terminate the current communication. This is used
to change the mode of communication (read, write) between
the slave and master without releasing the serial interface lines.
SDA
SCL
tBUFF
tSTAH
tDHO
tDSU
tDAL
tDAH
tSTASU
tSTOSU
Figure 18. Serial Port Read/Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com