Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9984A Datasheet(PDF) 27 Page - Analog Devices

Part # AD9984A
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9984A Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9984A Datasheet HTML 23Page - Analog Devices AD9984A Datasheet HTML 24Page - Analog Devices AD9984A Datasheet HTML 25Page - Analog Devices AD9984A Datasheet HTML 26Page - Analog Devices AD9984A Datasheet HTML 27Page - Analog Devices AD9984A Datasheet HTML 28Page - Analog Devices AD9984A Datasheet HTML 29Page - Analog Devices AD9984A Datasheet HTML 30Page - Analog Devices AD9984A Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
AD9984A
Rev. 0 | Page 27 of 44
Hex
Address
Read/Write,
Read Only
Bits
Default
Value
Register Name
Description
2
**** *0**
Power-Down Pin Polarity. Sets the polarity of the signal on the
PWRDN pin.
0 = PWRDN polarity is negative.
1 = PWRDN polarity is positive.
1
**** **0*
Power-Down Fast Switching Control.
0 = Normal power-down operation.
1 = The chip stays powered up, and the outputs are put in high
impedance mode.
0
**** ***0
SOGOUT High Impedance Control.
0 = SOGOUT operates as normal during power-down.
1 = SOGOUT is in high impedance during power-down.
0x1F
R/W
7:5
100* ****
Output Select 1
Output Mode.
100 = 4:4:4 RGB mode.
101 = 4:2:2 YCbCr mode.
110 = 4:4:4 DDR mode.
4
***1 ****
Primary Output Enable.
0 = Primary output is in high impedance state.
1 = Primary output is enabled.
3
**** 0***
Secondary Output Enable.
0 = Secondary output is in high impedance state.
1 = Secondary output is enabled.
2:1
**** *10*
Output Drive Strength. Applies to all outputs except VSOUT.
00 = Low output drive strength.
01 = Medium output drive strength.
1x = High output drive strength.
0
**** ***0
Output Clock Invert. Applies to all clocks output on DATACK.
0 = Noninverted Pixel Clock.
1 = Inverted Pixel Clock.
0x20
R/W
7:6
0*** ****
Output Select 2
Output Clock Select.
00 = Pixel clock.
01 = 90° phase-shifted pixel clock.
10 = 2× pixel clock.
11 = 0.5× pixel clock.
5
*0** ****
Output High Impedance.
0 = Normal outputs.
1 = All outputs except SOGOUT in high impedance mode.
4
**0* ****
SOGOUT High Impedance.
0 = Normal drive.
1 = SOGOUT pin is in high impedance mode.
3
***0 ****
Field Output Polarity. Sets the polarity of the field output signal.
0 = Active low is an even field, active high is an odd field.
1 = Active low is an odd field, active high is an even field.
2
**** 1***
PLL Sync Filter Enable.
0 = PLL uses raw HSYNCx/SOGINx.
1 = PLL uses filtered Hsync/SOG.
1
**** *0**
Sync Processing Input Select. Selects the sync source for the sync
processor.
0 = Sync processing uses raw HSYNCx/SOGINx.
1 = Sync processing uses regenerated Hsync from sync filter.
0
**** ***0
Must be set to 1 for proper operation.
0x21
R/W
7:0
0010 0000
Must be set to default for proper operation.
0x22
R/W
7:0
0011 0010
Must be set to default for proper operation.
0x23
R/W
7:0
0000 1010
Sync Filter Window
Width
Sets the window of time around the regenerated Hsync leading
edge (in 25 ns steps) that sync pulses are allowed to pass through.
0x24
RO
7
_*** ****
Sync Detect
HSYNC0 Detection.
0 = HSYNC0 is not active.
1 = HSYNC0 is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com