Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9984A Datasheet(PDF) 23 Page - Analog Devices

Part # AD9984A
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9984A Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9984A Datasheet HTML 19Page - Analog Devices AD9984A Datasheet HTML 20Page - Analog Devices AD9984A Datasheet HTML 21Page - Analog Devices AD9984A Datasheet HTML 22Page - Analog Devices AD9984A Datasheet HTML 23Page - Analog Devices AD9984A Datasheet HTML 24Page - Analog Devices AD9984A Datasheet HTML 25Page - Analog Devices AD9984A Datasheet HTML 26Page - Analog Devices AD9984A Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
AD9984A
Rev. 0 | Page 23 of 44
Serial Interface Read/Write Examples
Write to One Control Register
1.
Start signal
2.
Slave address byte (R/W bit = low)
3.
Base address byte
4.
Data byte to base address
5.
Stop signal
Write To Four Consecutive Control Registers
1.
Start signal
2.
Slave address byte (R/W bit = low)
3.
Base address byte
4.
Data byte to base address
5.
Data byte to (base address + 1)
6.
Data byte to (base address + 2)
7.
Data byte to (base address + 3)
8.
Stop signal
Read from One Control Register
1.
Start signal
2.
Slave address byte (R/W bit = low)
3.
Base address byte
4.
Start signal
5.
Slave address byte (R/W bit = high)
6.
Data byte from base address
7.
Stop signal
Read from Four Consecutive Control Registers
1.
Start signal
2.
Slave address byte (R/W bit = low)
3.
Base address byte
4.
Start signal
5.
Slave address byte (R/W bit = high)
6.
Data byte from base address
7.
Data byte from (base address + 1)
8.
Data byte from (base address + 2)
9.
Data byte from (base address + 3)
10. Stop signal
BIT 7
ACK
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SDA
SCL
Figure 19. Serial Interface—Typical Byte Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com