Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9984A Datasheet(PDF) 16 Page - Analog Devices

Part # AD9984A
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9984A Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9984A Datasheet HTML 12Page - Analog Devices AD9984A Datasheet HTML 13Page - Analog Devices AD9984A Datasheet HTML 14Page - Analog Devices AD9984A Datasheet HTML 15Page - Analog Devices AD9984A Datasheet HTML 16Page - Analog Devices AD9984A Datasheet HTML 17Page - Analog Devices AD9984A Datasheet HTML 18Page - Analog Devices AD9984A Datasheet HTML 19Page - Analog Devices AD9984A Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
AD9984A
Rev. 0 | Page 16 of 44
SYNC PROCESSING
The inputs of the sync processing section of the AD9984A are
combinations of digital Hsyncs and Vsyncs, analog sync-on-
green or sync-on-Y signals, and an optional external coast
signal. From these signals, the part generates a precise, jitter-
free clock from its PLL, an odd/even-field signal, HSOUT and
VSOUT signals, a count of Hsyncs per Vsync, and a
programmable SOGOUT. The main sync processing blocks are
the sync slicer, sync separator, Hsync filter, Hsync regenerator,
Vsync filter, and coast generator.
•
The sync slicer extracts the sync signal from the green
graphics or luminance video signal that is connected to
the SOGINx inputs, and outputs a digital composite sync.
•
The sync separator extracts Vsync from the composite sync
signal, which can come from either the sync slicer or the
HSYNCx inputs.
•
The Hsync filter is used to eliminate any extraneous pulses
from the HSYNCx or SOGINx inputs, outputting a clean,
low-jitter signal that is appropriate for mode detection and
clock generation.
•
The Hsync regenerator is used to recreate a clean, although
not low jitter, Hsync signal that can be used for mode
detection and counting Hsyncs per Vsync.
•
The Vsync filter is used to eliminate spurious Vsyncs, main-
tain a stable timing relationship between the Vsync and Hsync
output signals, and generate the odd/even field output.
•
The coast generator creates a robust coast signal to allow the
PLL to maintain its frequency in the absence of Hsync pulses.
AD9984A
SOGOUT
HSYNC
VSYNC
COAST
COAST SELECT
0x18:7
DATACK
SOGIN0
EXTCK/COAST
VSYNC1
MUX
MUX
MUX
MUX
MUX
MUX
MUX
MUX
VSYNC0
HSYNC1
HSYNC0
HSOUT
VSOUT/A0
SOGIN1
HSYNC
SELECT
0x12:6
FILTERED
HSYNC
ACTIVITY
DETECT
ACTIVITY
DETECT
ACTIVITY
DETECT
ACTIVITY
DETECT
ACTIVITY
DETECT
ACTIVITY
DETECT
POLARITY
DETECT
POLARITY
DETECT
POLARITY
DETECT
POLARITY
DETECT
SYNC SLICER
SYNC SLICER
PLL CLOCK
GENERATOR
O/E FIELD
CHANNEL
SELECT
0x1E:6
HSYNC FILTER
AND
REGENERATOR
REGENERATED
HSYNC
SET
POLARITY
SET
POLARITY
HSYNC/VSYNC
COUNTER
REG 0x26,
0x27
SET
POLARITY
SET
POLARITY
VSYNC
FILTERED VSYNC
VSYNC FILTER EN
0x14:2
VSYNC
FILTER EN
0x14:2
PLL SYNC
FILTER EN
0x20:2
SP SYNC
FILTER EN
0x20:1
SOGOUT
SELECT
0x1D:1,0
MUX
Figure 9. Sync Processing Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com