Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA05 Datasheet (PDF) - Diotec Semiconductor

MMBTA05 Datasheet PDF - Diotec Semiconductor
Part # MMBTA05
Download  MMBTA05 Download
File Size   108.45 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount general purpose Si-epitaxial planar transistors

MMBTA05 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBTA05 Datasheet PDF - Diotec Semiconductor

Part # MMBTA05
Download  MMBTA05 Click to download

File Size   108.45 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount general purpose Si-epitaxial planar transistors

MMBTA05 Datasheet (HTML) - Diotec Semiconductor


MMBTA05 Product details

NPN Surface mount general purpose Si-epitaxial planar transistors

• Power dissipation                 250 mW
• Plastic case                           SOT-23
• Weight approx.                        0.01 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - MMBTA05

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA05 TRSYS-MMBTA05 Datasheet
139Kb / 1P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Samsung semiconductor
MMBTA05 SAMSUNG-MMBTA05 Datasheet
26Kb / 1P
NPN (DRIVER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA05 FAIRCHILD-MMBTA05 Datasheet
50Kb / 4P
NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBTA05 DIODES-MMBTA05 Datasheet
45Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30037 Rev. C-2
logo
KEC(Korea Electronics)
MMBTA05 KEC-MMBTA05 Datasheet
113Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (DRIVER STAGE AMPLIFIER, VOLTAGE AMPLIFIER)
More results


Similar Description - MMBTA05

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
2N5400 DIOTEC-2N5400 Datasheet
106Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
2N5550 DIOTEC-2N5550 Datasheet
106Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
2N5172 DIOTEC-2N5172 Datasheet
105Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
BC546 DIOTEC-BC546_07 Datasheet
100Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
2N4401 DIOTEC-2N4401 Datasheet
102Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
2N4403 DIOTEC-2N4403 Datasheet
104Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
BC327-XBK DIOTEC-BC327-XBK Datasheet
95Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
BC337-XBK DIOTEC-BC337-XBK Datasheet
95Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
BC546XBK DIOTEC-BC546XBK Datasheet
87Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
MMBTA06 DIOTEC-MMBTA06_15 Datasheet
107Kb / 2P
Surface mount general purpose Si-epitaxial planar transistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com