Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA55 Datasheet (PDF) - Diotec Semiconductor

MPSA55 Datasheet PDF - Diotec Semiconductor
Part # MPSA55
Download  MPSA55 Download
File Size   107.65 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description General Purpose Si-Epitaxial PlanarTransistors

MPSA55 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPSA55 Datasheet PDF - Diotec Semiconductor

Part # MPSA55
Download  MPSA55 Click to download

File Size   107.65 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description General Purpose Si-Epitaxial PlanarTransistors

MPSA55 Datasheet (HTML) - Diotec Semiconductor


MPSA55 Product details

General Purpose Si-Epitaxial PlanarTransistors

• Power dissipation       625 mW
• Plastic case               TO-92
• Weight approx.          0.18 g
• Plastic material has UL classification 94V-0
• Standard packaging taped in ammo pack




Similar Part No. - MPSA55

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA55 MOTOROLA-MPSA55 Datasheet
239Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
MPSA55 ONSEMI-MPSA55 Datasheet
111Kb / 8P
Amplifier Transistors
October, 2001 ??Rev. 1
logo
Fairchild Semiconductor
MPSA55 FAIRCHILD-MPSA55 Datasheet
1Mb / 13P
PNP General Purpose Amplifier
logo
KEC(Korea Electronics)
MPSA55 KEC-MPSA55 Datasheet
58Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY AMPLIFIER)
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55 Datasheet
340Kb / 1P
PNP Silicon Amplifier Transistor
More results


Similar Description - MPSA55

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TIP125A DIOTEC-TIP125A Datasheet
49Kb / 2P
Si-Epitaxial PlanarTransistors
2N3903 DIOTEC-2N3903 Datasheet
98Kb / 2P
Si-Epitaxial PlanarTransistors
2N4402 DIOTEC-2N4402 Datasheet
97Kb / 2P
Si-Epitaxial PlanarTransistors
BC327 DIOTEC-BC327 Datasheet
143Kb / 2P
Si-Epitaxial PlanarTransistors
BC546 DIOTEC-BC546 Datasheet
148Kb / 2P
Si-Epitaxial PlanarTransistors
BC556 DIOTEC-BC556 Datasheet
144Kb / 2P
Si-Epitaxial PlanarTransistors
BC556 DIOTEC-BC556_07 Datasheet
100Kb / 2P
General Purpose Si-Epitaxial PlanarTransistors
MMBTA55 DIOTEC-MMBTA55 Datasheet
107Kb / 2P
General Purpose Si-Epitaxial PlanarTransistors
MPSA05 DIOTEC-MPSA05 Datasheet
107Kb / 2P
General Purpose Si-Epitaxial PlanarTransistors
BC556XBK DIOTEC-BC556XBK Datasheet
87Kb / 2P
General Purpose Si-Epitaxial PlanarTransistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com