Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC556 Datasheet (PDF) - Diotec Semiconductor

BC556 Datasheet PDF - Diotec Semiconductor
Part # BC556
Download  BC556 Download
File Size   144.86 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Si-Epitaxial PlanarTransistors

BC556 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC556 Datasheet PDF - Diotec Semiconductor

Part # BC556
Download  BC556 Click to download

File Size   144.86 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Si-Epitaxial PlanarTransistors

BC556 Datasheet (HTML) - Diotec Semiconductor


BC556 Product details

General Purpose PNP Transistors

• Power dissipation 500 mW
• Plastic case TO-92
• Weight approx.  0.18 g
• Plastic material has UL classification 94V-0
• Standard packaging taped in ammo pack




Similar Part No. - BC556

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC556 MOTOROLA-BC556 Datasheet
220Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
Amplifier Transistors(PNP Silicon)
1996
logo
NXP Semiconductors
BC556 PHILIPS-BC556 Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 15
logo
Semtech Corporation
BC556 SEMTECH-BC556 Datasheet
370Kb / 5P
PNP Silicon Epitaxial Planar Transistor for switching and AF applications???
logo
Siemens Semiconductor G...
BC556 SIEMENS-BC556 Datasheet
213Kb / 6P
PNP SILICON TRANSISTORS
More results


Similar Description - BC556

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TIP31 DIOTEC-TIP31 Datasheet
36Kb / 2P
Si-Epitaxial PlanarTransistors
TIP32 DIOTEC-TIP32 Datasheet
36Kb / 2P
Si-Epitaxial PlanarTransistors
TIP120A DIOTEC-TIP120A Datasheet
49Kb / 2P
Si-Epitaxial PlanarTransistors
TIP125A DIOTEC-TIP125A Datasheet
49Kb / 2P
Si-Epitaxial PlanarTransistors
2N3903 DIOTEC-2N3903 Datasheet
98Kb / 2P
Si-Epitaxial PlanarTransistors
2N3905 DIOTEC-2N3905 Datasheet
99Kb / 2P
Si-Epitaxial PlanarTransistors
2N4402 DIOTEC-2N4402 Datasheet
97Kb / 2P
Si-Epitaxial PlanarTransistors
BC327 DIOTEC-BC327 Datasheet
143Kb / 2P
Si-Epitaxial PlanarTransistors
BC337 DIOTEC-BC337 Datasheet
140Kb / 2P
Si-Epitaxial PlanarTransistors
BC546 DIOTEC-BC546 Datasheet
148Kb / 2P
Si-Epitaxial PlanarTransistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com