Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC337 Datasheet (PDF) - Diotec Semiconductor

BC337 Datasheet PDF - Diotec Semiconductor
Part # BC337
Download  BC337 Download
File Size   140.47 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Si-Epitaxial PlanarTransistors

BC337 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC337 Datasheet PDF - Diotec Semiconductor

Part # BC337
Download  BC337 Click to download

File Size   140.47 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Si-Epitaxial PlanarTransistors

BC337 Datasheet (HTML) - Diotec Semiconductor


BC337 Product details

General Purpose Si-Epitaxial Planar Transistors

• Power dissipation           625 mW
• Plastic case            TO-92(10D3)
• Weight approx.                  0.18 g
• Plastic material has UL classification 94V-0
• Standard packaging taped in ammo pack




Similar Part No. - BC337

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC337 MOTOROLA-BC337 Datasheet
163Kb / 4P
Amplifier Transistor
logo
NXP Semiconductors
BC337 PHILIPS-BC337 Datasheet
47Kb / 8P
NPN general purpose transistor
1999 Apr 15
logo
Semtech Corporation
BC337 SEMTECH-BC337 Datasheet
343Kb / 5P
NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications???
logo
Siemens Semiconductor G...
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC337 FAIRCHILD-BC337 Datasheet
27Kb / 3P
SWITCHING AND AMPLIFIER APPLICATIONS
More results


Similar Description - BC337

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TIP31 DIOTEC-TIP31 Datasheet
36Kb / 2P
Si-Epitaxial PlanarTransistors
TIP32 DIOTEC-TIP32 Datasheet
36Kb / 2P
Si-Epitaxial PlanarTransistors
TIP120A DIOTEC-TIP120A Datasheet
49Kb / 2P
Si-Epitaxial PlanarTransistors
TIP125A DIOTEC-TIP125A Datasheet
49Kb / 2P
Si-Epitaxial PlanarTransistors
2N3903 DIOTEC-2N3903 Datasheet
98Kb / 2P
Si-Epitaxial PlanarTransistors
2N3905 DIOTEC-2N3905 Datasheet
99Kb / 2P
Si-Epitaxial PlanarTransistors
2N4402 DIOTEC-2N4402 Datasheet
97Kb / 2P
Si-Epitaxial PlanarTransistors
BC327 DIOTEC-BC327 Datasheet
143Kb / 2P
Si-Epitaxial PlanarTransistors
BC546 DIOTEC-BC546 Datasheet
148Kb / 2P
Si-Epitaxial PlanarTransistors
BC556 DIOTEC-BC556 Datasheet
144Kb / 2P
Si-Epitaxial PlanarTransistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com