Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA56 Datasheet (PDF) - Diotec Semiconductor

MPSA56 Datasheet PDF - Diotec Semiconductor
Part # MPSA56
Download  MPSA56 Download
File Size   107.65 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description General Purpose Si-Epitaxial PlanarTransistors

MPSA56 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPSA56 Datasheet PDF - Diotec Semiconductor

Part # MPSA56
Download  MPSA56 Click to download

File Size   107.65 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description General Purpose Si-Epitaxial PlanarTransistors

MPSA56 Datasheet (HTML) - Diotec Semiconductor


MPSA56 Product details

General Purpose Si-Epitaxial PlanarTransistors

• Power dissipation       625 mW
• Plastic case               TO-92
• Weight approx.          0.18 g
• Plastic material has UL classification 94V-0
• Standard packaging taped in ammo pack




Similar Part No. - MPSA56

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA56 MOTOROLA-MPSA56 Datasheet
239Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
MPSA56 ONSEMI-MPSA56 Datasheet
111Kb / 8P
Amplifier Transistors
October, 2001 ??Rev. 1
logo
NXP Semiconductors
MPSA56 PHILIPS-MPSA56 Datasheet
41Kb / 8P
PNP general purpose transistor
1999 Apr 27
logo
Zetex Semiconductors
MPSA56 ZETEX-MPSA56 Datasheet
25Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Rohm
MPSA56 ROHM-MPSA56 Datasheet
64Kb / 2P
PNP General Purpose Transistor
More results


Similar Description - MPSA56

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TIP125A DIOTEC-TIP125A Datasheet
49Kb / 2P
Si-Epitaxial PlanarTransistors
2N3903 DIOTEC-2N3903 Datasheet
98Kb / 2P
Si-Epitaxial PlanarTransistors
2N4402 DIOTEC-2N4402 Datasheet
97Kb / 2P
Si-Epitaxial PlanarTransistors
BC327 DIOTEC-BC327 Datasheet
143Kb / 2P
Si-Epitaxial PlanarTransistors
BC546 DIOTEC-BC546 Datasheet
148Kb / 2P
Si-Epitaxial PlanarTransistors
BC556 DIOTEC-BC556 Datasheet
144Kb / 2P
Si-Epitaxial PlanarTransistors
BC556 DIOTEC-BC556_07 Datasheet
100Kb / 2P
General Purpose Si-Epitaxial PlanarTransistors
MMBTA55 DIOTEC-MMBTA55 Datasheet
107Kb / 2P
General Purpose Si-Epitaxial PlanarTransistors
MPSA05 DIOTEC-MPSA05 Datasheet
107Kb / 2P
General Purpose Si-Epitaxial PlanarTransistors
BC556XBK DIOTEC-BC556XBK Datasheet
87Kb / 2P
General Purpose Si-Epitaxial PlanarTransistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com