Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7682A Datasheet (PDF) - Exar Corporation

SP7682A Datasheet PDF - Exar Corporation
Part # SP7682A
Download  SP7682A Download
File Size   512.54 Kbytes
Page   19 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Backlight and Flash Driver in QFN 3mm x 3mm

SP7682A Datasheet (PDF)

Go To PDF Page Download Datasheet
SP7682A Datasheet PDF - Exar Corporation

Part # SP7682A
Download  SP7682A Click to download

File Size   512.54 Kbytes
Page   19 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Backlight and Flash Driver in QFN 3mm x 3mm

SP7682A Datasheet (HTML) - Exar Corporation




Similar Part No. - SP7682A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7680 SIPEX-SP7680 Datasheet
450Kb / 16P
Complete Backlight Solution
SP7680 SIPEX-SP7680 Datasheet
97Kb / 6P
Evaluation Board Manual
SP7680EB SIPEX-SP7680EB Datasheet
450Kb / 16P
Complete Backlight Solution
SP7680EB SIPEX-SP7680EB Datasheet
97Kb / 6P
Evaluation Board Manual
SP7680ER1 SIPEX-SP7680ER1 Datasheet
97Kb / 6P
Evaluation Board Manual
More results


Similar Description - SP7682A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7686 SIPEX-SP7686 Datasheet
1Mb / 16P
Constant Current Flash Driver in DFN 2mm x 3mm
logo
Maxim Integrated Produc...
MAX8647_0709 MAXIM-MAX8647_0709 Datasheet
265Kb / 15P
Ultra-Efficient Charge Pumps for Six White/RGB LEDs in 3mm x 3mm Thin QFN
Rev 1; 9/07
MAX8822 MAXIM-MAX8822 Datasheet
251Kb / 15P
Ultra-Efficient Negative Charge-Pump LED Driver with Dual LDOs in 3mm x 3mm Thin QFN
Rev 0; 11/07
logo
Linear Technology
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
MAIN/CAM LED Controller in 3mm 횞 3mm QFN
logo
Maxim Integrated Produc...
MAX8847Y MAXIM-MAX8847Y Datasheet
1Mb / 13P
High-Performance Negative Charge Pump for 6 White LEDs in 3mm x 3mm Thin QFN
19-5196; Rev 0; 4/10
MAX8848Y MAXIM-MAX8848Y Datasheet
1Mb / 14P
High-Performance Negative Charge Pump for 7 White LEDs in 3mm x 3mm Thin QFN
19-5233; Rev 0; 4/10
logo
Linear Integrated Syste...
LTC3210EUD-1 LINEAR-LTC3210EUD-1 Datasheet
225Kb / 16P
MAIN/CAM LED Controller in 3mm 3mm QFN
LTC3210EUD-3 LINEAR-LTC3210EUD-3 Datasheet
225Kb / 16P
MAIN/CAM LED Controller in 3mm x 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210_15 Datasheet
264Kb / 16P
MAIN/CAM LED Controller in 3mm 3mm QFN
LT6559 LINER-LT6559_15 Datasheet
445Kb / 16P
Triple Video Amplifier in 3mm 3mm QFN
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com