Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8822 Datasheet (PDF) - Maxim Integrated Products

MAX8822 Datasheet PDF - Maxim Integrated Products
Part # MAX8822
Download  MAX8822 Download
File Size   251.83 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Efficient Negative Charge-Pump LED Driver with Dual LDOs in 3mm x 3mm Thin QFN

MAX8822 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8822 Datasheet PDF - Maxim Integrated Products

Part # MAX8822
Download  MAX8822 Click to download

File Size   251.83 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Efficient Negative Charge-Pump LED Driver with Dual LDOs in 3mm x 3mm Thin QFN

MAX8822 Datasheet (HTML) - Maxim Integrated Products


MAX8822 Product details

General Description
The MAX8822 drives up to four white light-emitting diodes (LEDs) with regulated constant current for display backlighting in cell phones, digital cameras, PDAs, and other handheld devices. By utilizing a proprietary negative 0.5x inverting charge pump and innovative independent low-dropout (LDO) adaptive current regulators, very high efficiency is achieved over the full 1-cell Li+ battery voltage range, even with large LED VF mismatch. The 1MHz fixed-frequency switching allows for tiny external components. The regulation scheme is optimized to ensure low EMI and low input ripple. Two 200mA, low-noise, high power-supply-rejection-ratio (PSRR) LDOs with programmable output voltages are included on-chip to provide power to camera modules or other devices.

Features
♦ High-Efficiency Charge Pump for Up to Four White LEDs
    Independent Adaptive Voltage Supply for Each LED
    24mA to 0.1mA Dimming Range
    1% (typ) Current Accuracy and 0.3% Current Matching
    Low 65µA (typ) Quiescent Current
♦ Dual 200mA Low-Noise, High PSRR LDOs
    16 Different Output Voltage Combinations Up to 3.3V
    High 60dB PSRR at 10kHz
♦ Flexible Single-Wire Control for Dimming and LDO Output Voltage
♦ Low 0.5µA (typ) Shutdown Mode
♦ Soft-Start Limits Inrush Current
♦ Thermal Shutdown and Open- and Short-Circuit Protection
♦ Tiny 16-Pin, 3mm x 3mm Thin QFN Package
    (0.8mm max Height) with Exposed Paddle

Applications
    White LED Backlighting
    Cell Phones and Smartphones




Similar Part No. - MAX8822

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX882 MAXIM-MAX882 Datasheet
136Kb / 16P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
MAX882 MAXIM-MAX882 Datasheet
361Kb / 17P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 3; 9/08
MAX882 MAXIM-MAX882 Datasheet
507Kb / 17P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 4; 7/09
MAX8821 MAXIM-MAX8821 Datasheet
902Kb / 29P
White LED Charge Pump with Mono Class D Audio Amp and Dual LDO
Rev 0; 10/07
MAX8821 MAXIM-MAX8821 Datasheet
231Kb / 14P
Fully Assembled and Tested
Rev 0; 4/08
More results


Similar Description - MAX8822

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1574 MAXIM-MAX1574 Datasheet
214Kb / 9P
180mA, 1x/2x, White LED Charge Pump in 3mm x 3mm TDFN
19-3117; Rev 0; 12/03
MAX8631X MAXIM-MAX8631X Datasheet
399Kb / 16P
1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 2; 5/06
MAX8647 MAXIM-MAX8647 Datasheet
265Kb / 15P
Ultra-Efficient Charge Pumps for Six White/RGB LEDs in 3mm x 3mm Thin QFN
Rev 0; 4/07
logo
Exar Corporation
SP7682 EXAR-SP7682 Datasheet
512Kb / 19P
Backlight and Flash Driver in QFN 3mm x 3mm
logo
Maxim Integrated Produc...
MAX8647_0709 MAXIM-MAX8647_0709 Datasheet
265Kb / 15P
Ultra-Efficient Charge Pumps for Six White/RGB LEDs in 3mm x 3mm Thin QFN
Rev 1; 9/07
MAX8847Y MAXIM-MAX8847Y Datasheet
1Mb / 13P
High-Performance Negative Charge Pump for 6 White LEDs in 3mm x 3mm Thin QFN
19-5196; Rev 0; 4/10
MAX8848Y MAXIM-MAX8848Y Datasheet
1Mb / 14P
High-Performance Negative Charge Pump for 7 White LEDs in 3mm x 3mm Thin QFN
19-5233; Rev 0; 4/10
MAX8631 MAXIM-MAX8631_08 Datasheet
266Kb / 15P
1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 3; 6/08
logo
Linear Integrated Syste...
LTC3210EUD-3 LINEAR-LTC3210EUD-3 Datasheet
225Kb / 16P
MAIN/CAM LED Controller in 3mm x 3mm QFN
logo
Maxim Integrated Produc...
MAX8631 MAXIM-MAX8631 Datasheet
266Kb / 15P
1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 3; 6/08
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com